Electronic Components Datasheet Search
  English  ▼

X  

MAX4397SACTM Datasheet(PDF) 23 Page - Maxim Integrated Products

Part # MAX4397SACTM
Description  Audio/Video Switch for Dual SCART Connectors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4397SACTM Datasheet(HTML) 23 Page - Maxim Integrated Products

Back Button MAX4397SACTM Datasheet HTML 19Page - Maxim Integrated Products MAX4397SACTM Datasheet HTML 20Page - Maxim Integrated Products MAX4397SACTM Datasheet HTML 21Page - Maxim Integrated Products MAX4397SACTM Datasheet HTML 22Page - Maxim Integrated Products MAX4397SACTM Datasheet HTML 23Page - Maxim Integrated Products MAX4397SACTM Datasheet HTML 24Page - Maxim Integrated Products MAX4397SACTM Datasheet HTML 25Page - Maxim Integrated Products MAX4397SACTM Datasheet HTML 26Page - Maxim Integrated Products MAX4397SACTM Datasheet HTML 27Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
Audio/Video Switch for Dual SCART Connectors
______________________________________________________________________________________
23
BIT
DESCRIPTION
7
6
5
432
10
COMMENTS
0
0
0 to 2V, internal source
0
1
4.5V to 7V, external source with 16:9 aspect ratio
1
0
Not used
TV Slow Switch
Input
1
1
9.5V to 12.6V, external source with 4:3 aspect ratio
0
0
0 to 2V, internal source
0
1
4.5V to 7V, external source with 16:9 aspect ratio
1
0
Not used
VCR Slow Switch
Input
1
1
9.5V to 12.6V, external source with 4:3 aspect ratio
0VVID is too low for digital logic to operate
Power-On Reset
1VVID is high enough for digital logic to operate
0
The part is in thermal shutdown
Thermal Shutdown
1
The temperature is below the TSHD limit
Table 12. Register 0Eh Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com