Electronic Components Datasheet Search
  English  ▼

X  

Z86L997 Datasheet(PDF) 39 Page - Zilog, Inc.

Part # Z86L997
Description  Low-Voltage Micro controllers with ADC
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L997 Datasheet(HTML) 39 Page - Zilog, Inc.

Back Button Z86L997 Datasheet HTML 35Page - Zilog, Inc. Z86L997 Datasheet HTML 36Page - Zilog, Inc. Z86L997 Datasheet HTML 37Page - Zilog, Inc. Z86L997 Datasheet HTML 38Page - Zilog, Inc. Z86L997 Datasheet HTML 39Page - Zilog, Inc. Z86L997 Datasheet HTML 40Page - Zilog, Inc. Z86L997 Datasheet HTML 41Page - Zilog, Inc. Z86L997 Datasheet HTML 42Page - Zilog, Inc. Z86L997 Datasheet HTML 43Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 102 page
background image
Z86D990/Z86D991 OTP and Z86L99X ROM
Low-Voltage Microcontrollers with ADC
PS003807-1002
P
R
E
L
I
M
I
N
A
R
Y
32
Z86D99/Z86L99
Figure 16. Active Glitch/Power Filter
When the internal power/glitch filter is not used, both VDD_padring and VDD_CORE
must be connected together externally to the power supply.
When the internal circuitry is used, the VDD_padring has to be connected to the
power supply and the VDD_CORE has to be connected to an external energy stor-
age capacitor (1
−10 µF range). The core is connected only to this capacitor during
power supply glitches.
Table 8 describes the active glitch/filter specifications.
On the wafer level, all three power buses are available. Depending on the number
of pins of the package, one or more power buses are connected together.
The active glitch/power filter effectively increases the noise immunity for battery-
operated designs where the controller is driving high current loads (for example,
IR LED).
Table 8. Active Glitch/Filter Specifications (Preliminary)
Parameter
Max
Min
Condition
Diff. stage gain
75 dB
Diff. stage bandwidth
15 MHz
Rise time
255 ns
50 mV pulse
Fall time
214 ns
50 mV pulse
Rdson
10
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com