Electronic Components Datasheet Search
  English  ▼

X  

Z02215 Datasheet(PDF) 13 Page - Zilog, Inc.

Part # Z02215
Description  Single Chip Modem with Integrated Controller, Data Pump, and Analog Front End
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z02215 Datasheet(HTML) 13 Page - Zilog, Inc.

Back Button Z02215 Datasheet HTML 9Page - Zilog, Inc. Z02215 Datasheet HTML 10Page - Zilog, Inc. Z02215 Datasheet HTML 11Page - Zilog, Inc. Z02215 Datasheet HTML 12Page - Zilog, Inc. Z02215 Datasheet HTML 13Page - Zilog, Inc. Z02215 Datasheet HTML 14Page - Zilog, Inc. Z02215 Datasheet HTML 15Page - Zilog, Inc. Z02215 Datasheet HTML 16Page - Zilog, Inc. Z02215 Datasheet HTML 17Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 74 page
background image
Z02215
Single Chip Modem with Integrated Controller, Data Pump, and AFE
PS001907-0904
Pin Descriptions
7
RXI+
16
43
Receive
Differential
Analog Output
Positive
Analog
Input
These are the analog inputs from the DAA.
AVDD
17
44
Analog Power
EE_DATA 18
1
Input/
Output
I2C EEPROM Data.
EE_CLK
19
2
Output
I2C EEPROM Clock.
MUTE
20
3
Speaker Mute
Control
Output
Controls speaker muting.
RDET/
LCS
21
4
Ring Detect
Input Line
Current Sense
Input
Signals the presence of a ring signal on the
line.The LCS_CHK input is used to detect when
a parallel phone is off-hook before dialing or
when a parallel phone has been picked up while
connected. In either case when LCS goes Low,
the connection attempt is dropped with a NO
CARRIER message.
VDD
22
5
Digital Power
Output
DGND
23
6
Digital Ground
LCS_CHK 24
7
Line Current
Sense
Output
This signal is used to enable the Line Current
Sense circuits in the DAA when checking for
parallel phone off-hook condition prior to taking
the phone line off-hook.
CID
25
8
Caller ID Relay Output
This signal is used to turn on the Caller ID relay
in the DAA.
SHTREL
26
9
Pulse Dial
Shunt Relay
Output
Output
SHTREL works in conjunction with pulse dial
make/break. It offers extra-low resistance
across the tip and ring. When all relays are
closed, SHRTEL provides 100 Ohms (Low)
instead of 600 Ohms.
OH
27
10
Off-Hook Relay
Output
Output
This signal is used to turn on the off-hook relay
in the DAA.
DGND
28
11
Digital Ground
Table 1. Pin Descriptions (Continued)
Symbol
PLCC
Pin #
LQFP
Pin #
Function
Direction Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com