Electronic Components Datasheet Search
  English  ▼

X  

Z02215 Datasheet(PDF) 19 Page - Zilog, Inc.

Part # Z02215
Description  Single Chip Modem with Integrated Controller, Data Pump, and Analog Front End
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z02215 Datasheet(HTML) 19 Page - Zilog, Inc.

Back Button Z02215 Datasheet HTML 15Page - Zilog, Inc. Z02215 Datasheet HTML 16Page - Zilog, Inc. Z02215 Datasheet HTML 17Page - Zilog, Inc. Z02215 Datasheet HTML 18Page - Zilog, Inc. Z02215 Datasheet HTML 19Page - Zilog, Inc. Z02215 Datasheet HTML 20Page - Zilog, Inc. Z02215 Datasheet HTML 21Page - Zilog, Inc. Z02215 Datasheet HTML 22Page - Zilog, Inc. Z02215 Datasheet HTML 23Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 74 page
background image
Z02215
Single Chip Modem with Integrated Controller, Data Pump, and AFE
PS001907-0904
AT Command Set
13
ON-LINE
After successfully completing Handshaking the modems enter the ON-LINE state.
When a modem is in the ON-LINE state, data received from its terminal is sent
over the telephone line to the other modem. Data received from the other modem
is sent to the terminal.
COMMAND
If the terminal sends a special escape sequence to a modem in the ON-LINE
state, the modem enters the COMMAND state. During COMMAND state the
modem maintains the connection with the other modem but does not pass data
between the terminal and the other modem. Instead, data received from the termi-
nal is treated as AT commands in the same way as if the modem was in the Idle
state. The modem can be returned to the ON-LINE state by the O command. Data
received from the other modem while a modem is in COMMAND state is dis-
carded unless the modem can buffer it for display on the terminal when the
modem re-enters the ON-LINE state.
Retrain
During a telephone line connection, the modem tries to remain synchronized with
the remote modem by adapting to changes in telephone line connection and
bridging transient noises such as call waiting, analog switching and cross talk. In
V.22bis and higher speed data modes, if the modem loses synchronization with
the remote modem data can not be received until synchronization is restored by a
process called Retraining. During Retraining the modem accepts data and com-
mands from the terminal but does not transmit data to, or receive data from, the
other modem.
AT Command Set
Command lines are typed to the modem from the terminal when the modem is in
the IDLE or COMMAND state. The modem does not execute any of the com-
mands in a command line until after the command line is ended by the end-of-line
character <CR>. A command line is a string of characters starting with the A and T
characters and ending with a special end-of-line character, <CR>. Characters
typed before the AT are ignored. Command lines contain, at most, 40 characters
after the AT. The modem does not execute any of the commands in a command
line that is too long.
To echo command line characters, use the E1 command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com