Electronic Components Datasheet Search
  English  ▼

X  

IL78 Datasheet(PDF) 4 Page - Integral Corp.

Part # IL78
Description  THREE-TERMINAL POSITIVE VOLTAGE REGULATORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IL78 Datasheet(HTML) 4 Page - Integral Corp.

  IL78 Datasheet HTML 1Page - Integral Corp. IL78 Datasheet HTML 2Page - Integral Corp. IL78 Datasheet HTML 3Page - Integral Corp. IL78 Datasheet HTML 4Page - Integral Corp. IL78 Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IL78XXC SERIES
4
IL7812
Electrical characteristics
(Vin = 19V, Io = 500mA, TJ = Tlow to Tlow (Note 1) unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ=+25
°C)
Vo
11.5
12
12.5
Vdc
Output Voltage
(5.0 mA≤Io≤1.0A, Po≤15 W)
14.5Vdc
≤Vin≤27Vdc
Vo
11.4
12
12.6
Vdc
Line Regulation(TJ=+25
°C, Note2)
14.5Vdc
≤Vin≤30Vdc
16Vdc
≤Vin≤22Vdc
Regline
-
-
13
6.0
240
120
mV
Load Regulation(TJ=+25
°C,Note2)
5.0mA
≤Io≤1.5A
250mA
≤Io≤750 mA
Regload
-
-
46
17
240
120
mV
Quiescent Current (TJ=+25
°C)
IB
-
4.4
8.0
mA
Quiescent Current Change
14.5Vdc
≤Vin≤30Vdc
5.0mA
≤Io≤1.0A
∆ IB
-
-
-
-
1.0
0.5
mA
Ripple Rejection
15Vdc
≤Vin≤25Vdc, f = 120 Hz
RR
-
60
-
dB
Dropout Voltage (Io=1.0A,T =+25
°C)
Vin-Vo
-
2.0
-
Vdc
Output Noise Voltage(TA=+25
°C)
10 Hz
≤f≤100 kHz
Vn
-
10
-
µV/Vo
Output Resistance f = 1.0 kHz
ro
-
18
-
m
Ω
Short - Circuit Current Limit
(TA=+25
°C) Vin = 35 Vdc
Isc
-
0.2
-
A
Peak Output Current(TJ=+25
°C)
Imax
-
2.2
-
A
Average Temperature Coefficient of
Output Voltage
TCVo
-
-1.0
-
mV/
°C
IL7815
Electrical characteristics
(Vin = 11V, Io = 500mA, TJ = Tlow to Thigh (Note 1) unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ=+25
°C)
Vo
14.4
15
15.6
Vdc
Output Voltage
(5.0 mA≤Io≤1.0A, Po≤15 W)
17.5Vdc
≤Vin≤30Vdc
Vo
14.25
15
15.75
Vdc
Line Regulation(TJ=+25
°C, Note2)
17.5Vdc
≤Vin≤30Vdc
20Vdc
≤Vin≤26Vdc
Regline
-
-
13
6.0
300
150
mV
Load Regulation(TJ=+25
°C,Note2)
5.0mA
≤Io≤1.5A
250mA
≤Io≤750 mA
Regload
-
-
52
20
300
150
mV
Quiescent Current (TJ=+25
°C)
IB
-
4.4
8.0
mA
Quiescent Current Change
17.5Vdc
≤Vin≤30Vdc
5.0mA
≤Io≤1.0A
∆ IB
-
-
-
-
1.0
0.5
mA
Ripple Rejection
18.5Vdc
≤Vin≤28.5Vdc, f = 120 Hz
RR
-
58
-
dB
Dropout Voltage (Io=1.0A,T =+25
°C)
Vin-Vo
-
2.0
-
Vdc
Output Noise Voltage(TA=+25
°C)
10 Hz
≤f≤100 kHz
Vn
-
10
-
µV/Vo
Output Resistance f = 1.0 kHz
ro
-
19
-
m
Ω
Short - Circuit Current Limit
(TA=+25
°C) Vin = 35 Vdc
Isc
-
0.2
-
A
Peak Output Current(TJ=+25
°C)
Imax
-
2.2
-
A
Average Temperature Coefficient of
Output Voltage
TCVo
-
-1.0
-
mV/
°C
Note:
1. Tlow = 0
°C , Thigh = +125 0 °C
2.Load and line regulation are specified at constant junction temperature. Changes in Vo due to heating effects must be taken
into accountseparately. Pulse testing with low duty cycle is used.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com