Electronic Components Datasheet Search
  English  ▼

X  

IL78 Datasheet(PDF) 1 Page - Integral Corp.

Part # IL78
Description  THREE-TERMINAL POSITIVE VOLTAGE REGULATORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IL78 Datasheet(HTML) 1 Page - Integral Corp.

  IL78 Datasheet HTML 1Page - Integral Corp. IL78 Datasheet HTML 2Page - Integral Corp. IL78 Datasheet HTML 3Page - Integral Corp. IL78 Datasheet HTML 4Page - Integral Corp. IL78 Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
IL78XXC SERIES
1
THREE-TERMINAL POSITIVE VOLTAGE REGULATORS
These voltage regulators are monolithic
integrated circuits designed fixed-voltage regulators
for a wide variety of applications including local, on
card regulation. These regulators employ internal
current limiting, thermal shutdown, and safe-area
compensation. With adequate heatsinking they can
deliver output currents in excess of 1.0 ampere.
Although designed primarily as a fixed voltage regulator, these devices can be used with
external components to obtain adjustable voltages and currents.
• Output Current in Excess of 1.0 Ampere
• No External Components Required
• Internal Thermal Overload Protection
• Internal Short - Circuit Current Limiting
• Output Transistor Safe-Area Compensation
• Output Voltage Offered in 2% and 4% Tolerance
Device type/nominal output voltage
IL7806
IL7806
IL7808
IL7809
5 V
6 V
8 V
9 V
IL7812
IL7815
IL7818
IL7824
12 V
15 V
18 V
24 V
Ño**
0.1µF
Ñin*
0.33µF
Vout
Vin
IL78XX
A common ground is required
between the
input and the output voltage. The input voltage
must remain typically 2.0 V above the output volt-
age even during the low point on the input ripple
voltage.
XX = these two digits of the type number indicate
voltage.
∗ = Cin is required if regulator is located an appre-
ciabl distance from power supply filter.
∗∗ = Co is not needed for stability ; howewer, is
does improve transient response
XX indicates nominal voltage
Standard application
Maximum ratings (TA = +25 °C unless otherwise noted)
Rating
Symbol
Value
Unit
Input Voltage (5.0 V - 18 V)
(24 V)
Vin
35
40
Vdc
Power Dissipation and Thermal Characteristics
Plastic Package
TA = +25 °C
Derate above TA = 25 °C
Thermal Resistance, Junction to Air
TA = +25 °C
Derate above TC = +75 °C (See Figure 1)
Thermal Resistance, Junction to Case
PD
1/RΘJA
RΘJC
PD
1/RΘJC
RΘJC
Internally Limited
15.4
65
Internally Limited
200
5.0
Watts
mW/
°C
°C/W
Watts
mW/
°C
°C/W
Storage Junction Temperature Range
Tstg
-65 to +150
°C
Operating Junction Temperature Range
IL78XXC
TJ
0 to +125
°C
Pin 1. I nput
2. Ground
3. Output
(H eatsink
surface connected
to Pin 2.)
TO-220 AB


Similar Part No. - IL78

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL7805 IKSEMICON-IL7805 Datasheet
1Mb / 21P
POSITIVE VOLTAGE REGULATOR 3- TERMINAL 1A POSITIVE VOLTAGE REGULATORS IL78xx
IL7806 IKSEMICON-IL7806 Datasheet
1Mb / 21P
POSITIVE VOLTAGE REGULATOR 3- TERMINAL 1A POSITIVE VOLTAGE REGULATORS IL78xx
IL7808 IKSEMICON-IL7808 Datasheet
1Mb / 21P
POSITIVE VOLTAGE REGULATOR 3- TERMINAL 1A POSITIVE VOLTAGE REGULATORS IL78xx
IL7809 IKSEMICON-IL7809 Datasheet
1Mb / 21P
POSITIVE VOLTAGE REGULATOR 3- TERMINAL 1A POSITIVE VOLTAGE REGULATORS IL78xx
IL7810 IKSEMICON-IL7810 Datasheet
1Mb / 21P
POSITIVE VOLTAGE REGULATOR 3- TERMINAL 1A POSITIVE VOLTAGE REGULATORS IL78xx
More results

Similar Description - IL78

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA7805AP KEC-KIA7805AP Datasheet
382Kb / 20P
THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Toshiba Semiconductor
TA78L05S TOSHIBA-TA78L05S_07 Datasheet
666Kb / 15P
Three-Terminal Positive Voltage Regulators
logo
Micro Commercial Compon...
MC7809CT MCC-MC7809CT Datasheet
490Kb / 3P
Three-Terminal Positive Voltage Regulators
MC78M05ACDT MCC-MC78M05ACDT Datasheet
168Kb / 3P
Three-Terminal Positive Voltage Regulators
logo
Cystech Electonics Corp...
LM7806J3 CYSTEKEC-LM7806J3 Datasheet
503Kb / 12P
Three Terminal Positive Voltage Regulators
LM7810J3 CYSTEKEC-LM7810J3 Datasheet
503Kb / 12P
Three Terminal Positive Voltage Regulators
logo
Micro Commercial Compon...
MC78M05CT MCC-MC78M05CT Datasheet
583Kb / 4P
Three-Terminal Positive Voltage Regulators
MC78M15CDT MCC-MC78M15CDT Datasheet
612Kb / 3P
Three-Terminal Positive Voltage Regulators
logo
New Jersey Semi-Conduct...
MC7800 NJSEMI-MC7800 Datasheet
427Kb / 6P
THREE-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
First Silicon Co., Ltd
LM7805P FS-LM7805P Datasheet
306Kb / 12P
THREE TERMINAL POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com