Electronic Components Datasheet Search
  English  ▼

X  

05293 Datasheet(PDF) 2 Page - 3M Electronics

Part # 05293
Description  Double Coated Tape 9490LE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

05293 Datasheet(HTML) 2 Page - 3M Electronics

  05293 Datasheet HTML 1Page - 3M Electronics 05293 Datasheet HTML 2Page - 3M Electronics 05293 Datasheet HTML 3Page - 3M Electronics 05293 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3M
™ Double Coated Tape 9490LE
Typical Physical Properties and Performance Characteristics
Note: The following technical information and data should be considered representative or typical only and should not be
used for specification purposes.
(2)
Product Number
3M™ Double Coated Tape 9490LE
Adhesion to stainless steel
Oz/in (N/cm) [kg/25.4 mm]
ASTM D3330 - 90 degree
- 15 minute RT (FS/BS)
25/60 (2.7/6.6) [0.7/1.7]
- 72 hour RT (FS/BS)
125/140 (13.7/15.3) [3.6/4.0]
- 72 hour 158°F (70°C) (FS/BS)
125/160 (13.7/17.5) [3.6/4.6]
ASTM D3330 - 180 degree,
2 mil Al foil - 72 hr RT
Faceside
135 (14.8) [3.8]
Backside
155 (17.0) [4.4]
Shear Strength - ASTM D3654 modified -
(.5 inch2 sample size)
1000 grams at 72°F (22°C)
>10,000 minutes
500 grams at 158°F (70°C)
>10,000 minutes
Relative High Temperature
Operating Ranges:
Long Term (days, weeks)
200°F (93°C)
Short Term (minutes, hours)
300°F (149°C)
Relative Solvent Resistance
Very Good
Dielectric Properties:
Dielectric Strength
1025 volts/mil
Breakdown Voltage
5700 volts
Roll length, width, slitting tolerance, core size.
Available Lengths (Subject to minimum order requirements)
Maximum Length
1/2" to 63/64"
180 yd. (164 m)
1" to 3"
360 yd. (329 m)
3" to 48"
360 yd. (329 m)
48" to 54"
360 yd. (329 m)
Normal Slitting Tolerance
±1/32" (0.8 mm)
Core Size ID
3.0" (76.2 mm)
Sheet Size
Not Available
Available Sizes



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com