Electronic Components Datasheet Search
  English  ▼

X  

IL235Z Datasheet(PDF) 8 Page - Integral Corp.

Part # IL235Z
Description  INTEGRATED CIRCUIT OF TEMPERATURE SENSOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IL235Z Datasheet(HTML) 8 Page - Integral Corp.

Back Button IL235Z Datasheet HTML 2Page - Integral Corp. IL235Z Datasheet HTML 3Page - Integral Corp. IL235Z Datasheet HTML 4Page - Integral Corp. IL235Z Datasheet HTML 5Page - Integral Corp. IL235Z Datasheet HTML 6Page - Integral Corp. IL235Z Datasheet HTML 7Page - Integral Corp. IL235Z Datasheet HTML 8Page - Integral Corp. IL235Z Datasheet HTML 9Page - Integral Corp. IL235Z Datasheet HTML 10Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
IL235Z
Korzhenevskogo 12, Minsk, 220064, Republic of
Belarus
Fax:
+375 (17) 278 28 22,
Phone: +375 (17) 278 07 11, 277 24 70, 277 24 61,
277 69 16
E-mail: belms@belms.belpak.minsk.by
URL: www.bms.by
IL235Z
Figure 20 – Thermal sensor with 1000 scale
* Calibration for 2,7315 V on output of LM308
Figure 21 – Differential temperature sensor



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com