Electronic Components Datasheet Search
  English  ▼

X  

IL235Z Datasheet(PDF) 10 Page - Integral Corp.

Part # IL235Z
Description  INTEGRATED CIRCUIT OF TEMPERATURE SENSOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IL235Z Datasheet(HTML) 10 Page - Integral Corp.

Back Button IL235Z Datasheet HTML 2Page - Integral Corp. IL235Z Datasheet HTML 3Page - Integral Corp. IL235Z Datasheet HTML 4Page - Integral Corp. IL235Z Datasheet HTML 5Page - Integral Corp. IL235Z Datasheet HTML 6Page - Integral Corp. IL235Z Datasheet HTML 7Page - Integral Corp. IL235Z Datasheet HTML 8Page - Integral Corp. IL235Z Datasheet HTML 9Page - Integral Corp. IL235Z Datasheet HTML 10Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
IL235Z
Korzhenevskogo 12, Minsk, 220064, Republic of
Belarus
Fax:
+375 (17) 278 28 22,
Phone: +375 (17) 278 07 11, 277 24 70, 277 24 61,
277 69 16
E-mail: belms@belms.belpak.minsk.by
URL: www.bms.by
Thermo-
couple
R3
R4
Тhermoelectrical
coefficient
J
1050
Оhm
365 Оhm
52,3
µV/оС
T
856 Оhm
315 Оhm
42,8
µV/оС
K
816 Оhm
300 Оhm
40,8
µV/оС
S
128 Оhm
46,3 Оhm
6,4
µV/оС
Adjustment: compensation of sensor and resistor
tolerances
1 Adjustment by the resistor R1 for obtaining voltage
drop on the element R3, equal to thermoelectrical
coefficient multiplied by the ambient temperature (in K
degrees)
2 Adjustment of the resistor R2 for obtaining some
voltage drop on the element R4 according to
thermocouple type
J – 14,32 mV
K – 11,17 mV
T – 11,79 mV
S – 1,768 mV
Figure 23 – Circuit of cold junction compensation with unipolar supply
*Value of R3 and R4 nominals for this thermocouple type



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com