Electronic Components Datasheet Search
  English  ▼

X  

IL1815 Datasheet(PDF) 3 Page - Integral Corp.

Part # IL1815
Description  AMPLIFIER IC FOR SENSORS WITH DIFFERENT CONDUCTANCE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IL1815 Datasheet(HTML) 3 Page - Integral Corp.

  IL1815 Datasheet HTML 1Page - Integral Corp. IL1815 Datasheet HTML 2Page - Integral Corp. IL1815 Datasheet HTML 3Page - Integral Corp. IL1815 Datasheet HTML 4Page - Integral Corp. IL1815 Datasheet HTML 5Page - Integral Corp. IL1815 Datasheet HTML 6Page - Integral Corp. IL1815 Datasheet HTML 7Page - Integral Corp. IL1815 Datasheet HTML 8Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IL1815
3
Table of maximum ratings
Symbol
Parameter
min
max
Unit
VP
Supply voltage
2,0
12,0
V
Ptot
Maximum dissipated power
1)
-
1250,0
mW
Tstg
Storage temperature
-65
150
°С
Тс
Maximum chip temperature
2)
-
125
°C
II
Input current
-
±30
mA
Note:
Short-term temperature rise of chip up to 150
°С is tolerable.
Maximum absolute ratings
Symbol
Parameter
min
max
Unit
VP
Supply voltage
2,5
12,0
V
Тс
Maximum chip temperature
-
125
°C
Table of electrical parameters (for Та(ambient)=25°С; supply voltage Vp=10 V and in compliance with
connection circuit given in Fig. 1 without L1)
Symbol
Parameter
Test conditions
Target
Unit
min
max
IP
Consumption current
fI=500 Hz, output 09=2 V,
output 11=0,8 V
-
6,0
mA
W
Width of reference pulse on
output 12
fI=from 1 Hz to 2 kHz,
R1=150 kOhm, C1=0,001
mkF
70,0
130,0
mks
IIB
Bias current of logic input
VI=2 V
(on outputs 09 and 11)
-
5,0
mkA
ZI
Input impedance
1) V
I=5 В (rms)
12,0
28,0
kOhm
VCROSS
Threshold of crossing zero
VI =100 mV
(on output 03)
-
25,0
mV
VTL
Threshold of logic input
On outputs 09 and 11
0,8
2,0
V
VOH
High output voltage
R4=1 kOhm (output 10)
7,5
-
V
VOL
Low output voltage
ISINK=0,1 mA (output 10)
-
0,4
V
VTA
Input switching threshold
Mode 1: output 05 is
open,
VI ≤135 mV
30,0
60,0
mV
Mode 1: output 05 is
open,
VI ≥230 mV
40,0
90,0
2) % from
U03 + PK
Mode 2: output 05 is
shorted to VP
200,0
450,0
mV
Mode 3: output 05 is
shorted to «ground»
-25,0
25,0
mV
ILS
Output leakage current on
output 12
V12=11 V
-
10
mkA
VSV
Saturation voltage on
output 12
I12=2 mA
-
0,4
V
Note:
1) Measured with external input resistor of 18 kOhm. The circuit comprises series connected resistor of 1
kOhm with diode, connected to «ground» which attenuate input signal;
2) numerical value of the rate on the controlled variable VTA, is defined by percentage of U03 signal sum
incoming on output 03 and PK voltage level on output 07 of peak detector.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com