Electronic Components Datasheet Search
  English  ▼

X  

IL1815 Datasheet(PDF) 4 Page - Integral Corp.

Part # IL1815
Description  AMPLIFIER IC FOR SENSORS WITH DIFFERENT CONDUCTANCE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IL1815 Datasheet(HTML) 4 Page - Integral Corp.

  IL1815 Datasheet HTML 1Page - Integral Corp. IL1815 Datasheet HTML 2Page - Integral Corp. IL1815 Datasheet HTML 3Page - Integral Corp. IL1815 Datasheet HTML 4Page - Integral Corp. IL1815 Datasheet HTML 5Page - Integral Corp. IL1815 Datasheet HTML 6Page - Integral Corp. IL1815 Datasheet HTML 7Page - Integral Corp. IL1815 Datasheet HTML 8Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IL1815
4
Electrical parameters ( for Та(ambient)=25°С; supply voltage Vp=10 V and in accordance with
connection circuit shown in figure 1 without L1)
Symbol
Parameter
Test conditions
Target
Unit
Typical
value
IIS
Bias current of signal input
(on output 03)
VI=0 V direct component
(output 03)
200,0
nA
Table 1 – Truth table
Signal input
pin 03
RC-
synchronization
pin 14
Choice input
output 11
Synchronization
input
pin 09
Gate output
pin 10
± pulses
RC
L
X
Pulses = RC
X
X
H
H
H
X
X
H
L
L
± pulses
L
L
L
Crossing zero level
External loading connection circuit and preferred application circuit
Functionality description
Under normal operation (function) conditions the signal synchronized by reference
voltage source (from pin 12) having passed the controller of data transmission delay (see
fig.1) and transformed by external electrical circuit returns into the IC. Then, logic input (pin
11) enables to choose whether synchronization signal (from clock synchronization input –
Decelerating
controller of
data
transfer
+
_
+
_
+
_
Microcircuit
С2
0,33
mkF
R5
1,6
MOhm
R3
18
KOhm
VI
L1
С1
0,001
mkF
R1
150
kOhm
R2
5,6
kOhm
t = 0,673RC
R4
1
kOhm
Vp
01
02
03
04
05
06
07
14
13
12
11
10
09
08



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com