Electronic Components Datasheet Search
  English  ▼

X  

FS100R07PE4 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # FS100R07PE4
Description  EconoPACK?? Modul mit schnellem Trench/Feldstopp IGBT4 und Emitter Controlled 4 Diode und PressFIT / NTC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FS100R07PE4 Datasheet(HTML) 7 Page - Infineon Technologies AG

  FS100R07PE4 Datasheet HTML 1Page - Infineon Technologies AG FS100R07PE4 Datasheet HTML 2Page - Infineon Technologies AG FS100R07PE4 Datasheet HTML 3Page - Infineon Technologies AG FS100R07PE4 Datasheet HTML 4Page - Infineon Technologies AG FS100R07PE4 Datasheet HTML 5Page - Infineon Technologies AG FS100R07PE4 Datasheet HTML 6Page - Infineon Technologies AG FS100R07PE4 Datasheet HTML 7Page - Infineon Technologies AG FS100R07PE4 Datasheet HTML 8Page - Infineon Technologies AG FS100R07PE4 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
TechnischeInformation/TechnicalInformation
FS100R07PE4
IGBT-Module
IGBT-modules
preparedby:AA
approvedby:MK
dateofpublication:2013-11-11
revision:2.0
VorläufigeDaten
PreliminaryData
SchaltverlusteDiode,Wechselrichter(typisch)
switchinglossesDiode,Inverter(typical)
Erec=f(IF)
RGon=3.9
Ω,VCE=300V
IF [A]
0
20
40
60
80
100 120 140 160 180 200
0,0
0,5
1,0
1,5
2,0
2,5
3,0
3,5
4,0
Erec, Tvj = 125°C
Erec, Tvj = 150°C
SchaltverlusteDiode,Wechselrichter(typisch)
switchinglossesDiode,Inverter(typical)
Erec=f(RG)
IF=100A,VCE=300V
RG [
Ω]
0
5
10
15
20
25
30
35
0,0
0,5
1,0
1,5
2,0
2,5
3,0
3,5
4,0
Erec, Tvj = 125°C
Erec, Tvj = 150°C
TransienterWärmewiderstandDiode,Wechselrichter
transientthermalimpedanceDiode,Inverter
ZthJC=f(t)
t [s]
0,001
0,01
0,1
1
10
0,01
0,1
1
ZthJC : Diode
i:
ri[K/W]:
τi[s]:
1
0,045
0,01
2
0,2475
0,02
3
0,24
0,05
4
0,2175
0,1
NTC-Widerstand-Temperaturkennlinie(typisch)
NTC-Thermistor-temperaturecharacteristic(typical)
R=f(T)
TC [°C]
0
20
40
60
80
100
120
140
160
100
1000
10000
100000
Rtyp



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com