Electronic Components Datasheet Search
  English  ▼

X  

IL9010D Datasheet(PDF) 1 Page - Integral Corp.

Part # IL9010D
Description  IC of collector electric motor controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IL9010D Datasheet(HTML) 1 Page - Integral Corp.

  IL9010D Datasheet HTML 1Page - Integral Corp. IL9010D Datasheet HTML 2Page - Integral Corp. IL9010D Datasheet HTML 3Page - Integral Corp. IL9010D Datasheet HTML 4Page - Integral Corp. IL9010D Datasheet HTML 5Page - Integral Corp. IL9010D Datasheet HTML 6Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
IL9010N, IL9010D
Korzhenevskogo 12, Minsk, 220108, Republic of
Belarus
Fax:
+375 (17) 278 28 22,
Phone: +375 (17) 278 07 11, 212 24 70, 212 24 61,
212 69 16
E-mail: office@bms.by
URL: www.bms.by
IC of collector electric motor controller
Microcircuit is designed for stabilization of collector electric motor rotation speed. IC`s supply
power can be obtained from alternating current line with voltage 110 V or 220 V, frequency of 50
Hz or 60 Hz through half-wave rectifier and ballast resistor.
Functions:
Microcircuit enables stabilization of electric motor speed ,
optimal triac firing (2nd and 3rd quadrants ), repetitive trigger
pulses when triac current is interrapted by motor collector,
changing of triac current at work with induced load, soft start ,
power failure detection and general circuit reset .
TA=от 0oC до +70oC
Features:
Circuit power supply obtained from AC net
Can be used in with AC networks 220 V / 50 Hz and 110
V / 60 Hz
Low count and cost of external components
Optimal triac firing (2
nd and 3nd quadrants)
Repetitive control pulses when current interrupted by
electric motor collector
Tracing triac current while operating for inductive load
Possibility of Soft start mode setting
Power error detection and general reset
Embedded voltage comparator for expansion of circuit
control functions
Low bias input current at comparator`s inputs: 100nA
Low shift current at comparator`s inputs
±10nA
Damper of electrostatic dischargeat comparator inputs
increase circuit reliability
Low power consumption
Symbols for pins in package
1
2
3
4
5
6
7
14
13
12
11
10
9
8
- Input
+ Input
Soft Start
Phase Angle Set
Feedback Input
Integration Cap
Current Programming
Output
Vcc
Vee
Gate Trigger Pulse
Ramp Generator
Current Sense
Voltage Sense
Stabilization of electric motor rotation speed is provided by integrated positive feedback on current.
IL9010N generates triac control pulses and provides stabilization of collector motor speed without tacho
generator.
Voltage comparator ensures control of basic circuit reset. While voltage levels coincidence, signal is
generating at comparator inputs (inputs 13, 14) and shifts control circuit from «Permitted» state to the
«Prohibited» state, in a similar way, as circuit state is changing while supply voltage low level. At that, circuit
becomes insensitive to the supply voltage variation (circuit of supply voltage variation control is blocked by
the signal from comparator output).


Similar Part No. - IL9010D

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IL9001 INTEGRAL-IL9001 Datasheet
170Kb / 5P
DMOS FULL BRIDGE DRIVER
logo
IK Semicon Co., Ltd
IL9002 IKSEMICON-IL9002 Datasheet
386Kb / 4P
As per the structure and the performed functions
logo
List of Unclassifed Man...
IL9002N ETC1-IL9002N Datasheet
47Kb / 2P
OPERATION AMPLIFIER
More results

Similar Description - IL9010D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8811 TI-DRV8811 Datasheet
862Kb / 19P
STEPPER MOTOR CONTROLLER IC
DRV8811 TI-DRV8811_11 Datasheet
1,023Kb / 22P
STEPPER MOTOR CONTROLLER IC
DRV8825 TI-DRV8825 Datasheet
634Kb / 22P
STEPPER MOTOR CONTROLLER IC
DRV8818 TI-DRV8818 Datasheet
748Kb / 20P
STEPPER MOTOR CONTROLLER IC
DRV8824 TI1-DRV8824 Datasheet
742Kb / 22P
STEPPER MOTOR CONTROLLER IC
DRV8818 TI1-DRV8818_12 Datasheet
714Kb / 20P
STEPPER MOTOR CONTROLLER IC
DRV8711 TI-DRV8711 Datasheet
1Mb / 36P
STEPPER MOTOR CONTROLLER IC
DRV8818 TI1-DRV8818_16 Datasheet
1Mb / 31P
Stepper Motor Controller IC
DRV8824 TI1-DRV8824_16 Datasheet
1Mb / 35P
Stepper Motor Controller IC
DRV8824-Q1 TI1-DRV8824-Q1 Datasheet
1Mb / 30P
Automotive Motor Controller IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com