Electronic Components Datasheet Search
  English  ▼

X  

IL9010D Datasheet(PDF) 2 Page - Integral Corp.

Part # IL9010D
Description  IC of collector electric motor controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IL9010D Datasheet(HTML) 2 Page - Integral Corp.

  IL9010D Datasheet HTML 1Page - Integral Corp. IL9010D Datasheet HTML 2Page - Integral Corp. IL9010D Datasheet HTML 3Page - Integral Corp. IL9010D Datasheet HTML 4Page - Integral Corp. IL9010D Datasheet HTML 5Page - Integral Corp. IL9010D Datasheet HTML 6Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IL9010N
Korzhenevskogo 12, Minsk, 220108, Republic of
Belarus
Fax:
+375 (17) 278 28 22,
Phone: +375 (17) 278 07 11, 212 24 70, 212 24 61,
212 69 16
E-mail: office@bms.by
URL: www.bms.by
Maximum ratings.
Symbol
Parameter designation
Min
Max
Measuring
unit
Upin
Maximum voltage,
On outputs 5,8,12-U5,U8,U12
On output 04-U4
-Ucc
-3.0
0
3.0
V
Upin11
Maximum positive voltage at 11-U11
output
-
0
V
Upin3
Maximum positive voltage at 03-U3
output
-
0.5
V
Ipin
Maximum current
At output 03- I3
At outputs 06 and 07 - I6, I7
At output 09 - I9
-20
-2,0
-0,5
+20
+2,0
+0,5
mA
Ipin
Maximum current,
At output 10 - I10
At output 11 - I11
+300
-500
-300
-
mcA
UIDR
Input differential voltage range
(outputs 13. 14)
-Ucc
0
V
ISC
Output current of short circuit (output
01) relatively 02 output (Ucc)
1
Constant
mA
PD
Maximum dissipated power (Тamb=25
°С)
-
250
mWt
Tstg
Storage temperature range
-60
+125
°С
Rt j-a
Maximum temperature resistance
«chip — environment»
-
100
°С/Wt
1 – Maximum output current (output 01) can obtain 20mA, not depending on power supply value. Shorted
output circuits can cause over heat and, finally, destruction.
Tolerable ratings.
Symbol
Parameter designation
Min
Max
Measuring
unit
ТА
Operation environment temperature range
0
+70
°С
Rt j-a
Maximum temperature resistance «chip —
environment»
-
100
°С/Wt



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com