Electronic Components Datasheet Search
  English  ▼

X  

IN16C01 Datasheet(PDF) 5 Page - Integral Corp.

Part # IN16C01
Description  16-BIT RISC MICROCONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN16C01 Datasheet(HTML) 5 Page - Integral Corp.

  IN16C01 Datasheet HTML 1Page - Integral Corp. IN16C01 Datasheet HTML 2Page - Integral Corp. IN16C01 Datasheet HTML 3Page - Integral Corp. IN16C01 Datasheet HTML 4Page - Integral Corp. IN16C01 Datasheet HTML 5Page - Integral Corp. IN16C01 Datasheet HTML 6Page - Integral Corp. IN16C01 Datasheet HTML 7Page - Integral Corp. IN16C01 Datasheet HTML 8Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
IN16C01
Korzhenevskogo 12, Minsk, 220108, Republic of
Belarus
Fax:
+375 (17) 278 28 22,
Phone: +375 (17) 278 07 11, 212 24 70, 212 24 61,
212 69 16
E-mail: office@bms.by
URL: www.bms.by
Fig 2.3. Memory Map of the IN16C01
3
The Microcontroller Pins
The IN16C01 is available in PQFP 100 package (see fig. 3.1.).
Table 5.1. The IN16C01 pin assignment
Pin
number
Mnemonic
In/Out
Function
1
TXD_R
in/out
transmitter’s data SSI_R
2
VDD
supply
3
VSS
ground
4
CLKX_R
in/out
transmitter’s clock SSI_R
5
FSX_L
in/out
transmitter’s clock SSI_L
6
TXD_L
in/out
transmitter’s data SSI_L
7
CLKX_L
in/out
transmitter’s clock SSI_L
8
CLKR_L
in
receiver’s clock SSI_L
9
FSR_L
in
receiver’s clock SSI_L
10
RXD_L
in
receiver’s data SSI_L
11
PD15
in/out
15-th bit of the D port
12
PD14
in/out
14-th bit of the D port
13
PD13
in/out
13-th bit of the D port
14
PD12
in/out
12-th bit of the D port
15
PD11
in/out
11-th bit of the D port
16
PD10
in/out
10-th bit of the D port
17
PD9
in/out
9-th bit of the D port
18
PD8
in/out
8-th bit of the D port



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com