Electronic Components Datasheet Search
  English  ▼

X  

IN16C01 Datasheet(PDF) 1 Page - Integral Corp.

Part # IN16C01
Description  16-BIT RISC MICROCONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN16C01 Datasheet(HTML) 1 Page - Integral Corp.

  IN16C01 Datasheet HTML 1Page - Integral Corp. IN16C01 Datasheet HTML 2Page - Integral Corp. IN16C01 Datasheet HTML 3Page - Integral Corp. IN16C01 Datasheet HTML 4Page - Integral Corp. IN16C01 Datasheet HTML 5Page - Integral Corp. IN16C01 Datasheet HTML 6Page - Integral Corp. IN16C01 Datasheet HTML 7Page - Integral Corp. IN16C01 Datasheet HTML 8Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IN16C01
Korzhenevskogo 12, Minsk, 220108, Republic of
Belarus
Fax:
+375 (17) 278 28 22,
Phone: +375 (17) 278 07 11, 212 24 70, 212 24 61,
212 69 16
E-mail: office@bms.by
URL: www.bms.by
16-BIT RISC MICROCONTROLLER
1. Introduction
The IN16C01 is a CMOS single-chip 16-bit microcontroller.
The IN16C01 is a general purpose microcomputer and can be used in control systems, data
acquisition systems and DSP systems. Low-power and fully static operation allow to use the
microcontroller in self-contained systems with limited power consumption.
On the base of its capabilities the IN16C01 could be compared with the next general-purpose
microcontrollers: Intel’s 80С196 and 80C186, Motorola’s 68300 and 68НС16, Siemens’ SAB
80C16x. The IN16C01 has an array multiplier and dedicated hardware for DSP operations support,
which allows to compare the microcontroller with the next DSP: Texas Instruments’ TMS320C25,
Motorola’s DSP561хх, Analog Devices’ ADSP21xx.
The IN16C01 implements the modular architecture when there is a common internal bus to which
all other units are connected. The architecture allows to ‘tailor’ the microcontroller to an appropriate
customer’s application. The basic set of the microcontroller units includes:
• Microprocessor
• RAM
• ROM
• Timers
• UART
• Synchronous Serial Interface (SSI)
• Bi-directional Parallel Ports
The microcontroller is assumed to be extended with ADC, EEPROM, PWM unit, I2C
interface and other units in future.
2. Architectural Overview
A simplified functional block diagram of the IN16C01 microcontroller is shown in fig.2.1.
Fig. 2.1. Simplified functional block diagram of the IN16C01


Similar Part No. - IN16C01

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN16C1054 IKSEMICON-IN16C1054 Datasheet
634Kb / 53P
Quard Uart with 256-Byte FIFO
IN16C1054-PL IKSEMICON-IN16C1054-PL Datasheet
634Kb / 53P
Quard Uart with 256-Byte FIFO
IN16C1054-TQ IKSEMICON-IN16C1054-TQ Datasheet
634Kb / 53P
Quard Uart with 256-Byte FIFO
IN16C1058 IKSEMICON-IN16C1058 Datasheet
434Kb / 66P
Industrial Temperature Range
IN16C554A IKSEMICON-IN16C554A Datasheet
264Kb / 31P
Independent receiver clock input
More results

Similar Description - IN16C01

ManufacturerPart #DatasheetDescription
logo
RDC Semiconductor
R8820LV RDC-R8820LV Datasheet
1,000Kb / 98P
16-BIT RISC MICROCONTROLLER
R1120I RDC-R1120I Datasheet
61Kb / 5P
16-BIT RISC MICROCONTROLLER
R1122I RDC-R1122I Datasheet
62Kb / 5P
16-BIT RISC MICROCONTROLLER
R1610I RDC-R1610I Datasheet
68Kb / 4P
16-BIT RISC MICROCONTROLLER
R8800I RDC-R8800I Datasheet
70Kb / 5P
16-BIT RISC MICROCONTROLLER
R8810I RDC-R8810I Datasheet
72Kb / 5P
16-BIT RISC MICROCONTROLLER
R8820 RDC-R8820 Datasheet
86Kb / 7P
16-Bit RISC Microcontroller
R8821 RDC-R8821 Datasheet
68Kb / 5P
16-BIT RISC MICROCONTROLLER
R8830 RDC-R8830 Datasheet
70Kb / 5P
16-BIT RISC MICROCONTROLLER
R8830I RDC-R8830I Datasheet
70Kb / 5P
16-BIT RISC MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com