Electronic Components Datasheet Search
  English  ▼

X  

ZBVB35 Datasheet(PDF) 2 Page - Schneider Electric

Part # ZBVB35
Description  Harmony XB4, Light block for head 횠22, green, integral LED, spring clamp terminal, 24 V AC/DC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

ZBVB35 Datasheet(HTML) 2 Page - Schneider Electric

  ZBVB35 Datasheet HTML 1Page - Schneider Electric ZBVB35 Datasheet HTML 2Page - Schneider Electric ZBVB35 Datasheet HTML 3Page - Schneider Electric ZBVB35 Datasheet HTML 4Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Environment
Protective treatment
TH
Ambient Air Temperature for
Storage
-40…158 °F (-40…70 °C)
Ambient Air Temperature for
Operation
-40…158 °F (-40…70 °C)
IP degree of protection
IP20 IEC 60529
Standards
EN/IEC 60947-5-4
JIS C8201-5-1
EN/IEC 60947-1
CSA C22.2 No 14
EN/IEC 60947-5-5
EN/IEC 60947-5-1
UL 508
JIS C8201-1
Resistance to fast transients
2 kV IEC 61000-4-4
Resistance to electromagnetic
fields
9.14 V/m (10 V/m) IEC 61000-4-3
Resistance to electrostatic
discharge
6 kV on contact (on metal parts) IEC 61000-4-2
8 kV in free air (in insulating parts) IEC 61000-4-2
Electromagnetic emission
Class B IEC 55011
[Us] rated supply voltage
24 V
Ordering and shipping details
Category
22469 - PUSHBUTTON,22MM ACCESSORIES-NEW
Discount Schedule
CS2
GTIN
3389119037501
Nbr. of units in pkg.
1
Package weight(Lbs)
0.31 oz (8.85 g)
Returnability
Yes
Country of origin
FR
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
1.73 in (4.4 cm)
Package 1 width
2.13 in (5.4 cm)
Package 1 Length
2.20 in (5.6 cm)
Unit Type of Package 2
BB1
Number of Units in Package 2
4
Package 2 Weight
1.52 oz (43 g)
Package 2 Height
1.73 in (4.4 cm)
Package 2 width
2.13 in (5.4 cm)
Package 2 Length
2.20 in (5.6 cm)
Unit Type of Package 3
S03
Number of Units in Package 3
640
Package 3 Weight
16.48 lb(US) (7.476 kg)
Package 3 Height
11.81 in (30 cm)
Package 3 width
11.81 in (30 cm)
2
Nov 1, 2021



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com