Electronic Components Datasheet Search
  English  ▼

X  

ZBVB35 Datasheet(PDF) 1 Page - Schneider Electric

Part # ZBVB35
Description  Harmony XB4, Light block for head 횠22, green, integral LED, spring clamp terminal, 24 V AC/DC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

ZBVB35 Datasheet(HTML) 1 Page - Schneider Electric

  ZBVB35 Datasheet HTML 1Page - Schneider Electric ZBVB35 Datasheet HTML 2Page - Schneider Electric ZBVB35 Datasheet HTML 3Page - Schneider Electric ZBVB35 Datasheet HTML 4Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product data sheet
Specifications
Harmony XB4, Light block for head
Ø22, green, integral LED, spring
clamp terminal, 24 V AC/DC
ZBVB35
Product availability : Stock - Normally stocked in distribution
facility
Price* : 57.00 USD
Main
Range of product
Harmony XB4
Harmony XB5
Product or Component Type
Light block
Device short name
ZBV
Sale per indivisible quantity
4
Connections - terminals
Spring clamp terminals
Signalling type
Steady
Light source
Protected LED
Bulb base
Integral LED
Light block supply
Direct
Light source colour
Green
[Us] rated supply voltage
24 V AC/DC 50/60 Hz
Complementary
Product Weight
0.04 lb(US) (0.016 kg)
Supply voltage limits
19.2…30 V DC
21.6…26.4 V AC
Current Consumption
18 mA
Service life
100000 h at rated voltage and 25 °C
Surge withstand
1 kV IEC 61000-4-5
Mounting of block
Front mounting
Electrical composition code
M1
M2
M3
M4
M5
M6
M10
MF1
P1
P2
PF1
Device presentation
Basic element
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Nov 1, 2021
1


Similar Part No. - ZBVB35

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
ZBVB3 SCHNEIDER-ZBVB3 Datasheet
135Kb / 3P
Harmony, 22mm Push Button, light module, integral LED 24 VAC/DC, green, screw clamp terminals
Oct 28, 2021
ZBVB33 SCHNEIDER-ZBVB33 Datasheet
159Kb / 3P
Light block, Harmony XB4, Harmony XB5, green for head 횠22 mm integral LED 24 V faston connector
Nov 1, 2021
ZBVB37 SCHNEIDER-ZBVB37 Datasheet
103Kb / 3P
Light block, Harmony XB4, Harmony XB5, green for head 횠22 mm integral LED 24 V pins
Nov 1, 2021
More results

Similar Description - ZBVB35

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
ZBVB15 SCHNEIDER-ZBVB15 Datasheet
145Kb / 4P
Harmony XB4, Light block for head 횠22, white, integral LED, spring clamp terminal, 24 V AC/DC
Nov 1, 2021
ZBVB45 SCHNEIDER-ZBVB45 Datasheet
145Kb / 4P
Harmony XB4, Light block for head 횠22, red, integral LED, spring clamp terminal, 24 V AC/DC
Nov 1, 2021
ZBVB55 SCHNEIDER-ZBVB55 Datasheet
145Kb / 4P
Harmony XB4, Light block for head 횠22, orange, integral LED, spring clamp terminal, 24 V AC/DC
Nov 1, 2021
ZBVB65 SCHNEIDER-ZBVB65 Datasheet
147Kb / 4P
Harmony XB4, Light block for head 횠22, blue, integral LED, spring clamp terminal, 24 V AC/DC
Nov 1, 2021
ZBVBG3 SCHNEIDER-ZBVBG3 Datasheet
135Kb / 3P
Harmony XB4, Light block for head 횠22, green, integral LED, screw clamp terminal, 24??20 V AC/DC
Oct 28, 2021
ZBVBG6 SCHNEIDER-ZBVBG6 Datasheet
135Kb / 3P
Harmony XB4, Light block for head 횠22, blue, integral LED, screw clamp terminal, 24??20 V AC/DC
Oct 28, 2021
ZBVG35 SCHNEIDER-ZBVG35 Datasheet
145Kb / 4P
Harmony XB4, Light block for head 횠22, green, integral LED, spring clamp terminal, 110??20 V AC
Nov 1, 2021
ZBVG45 SCHNEIDER-ZBVG45 Datasheet
145Kb / 4P
Harmony XB4, Light block for head 횠22, red, integral LED, spring clamp terminal, 110??20 V AC
Nov 1, 2021
ZBVJ3 SCHNEIDER-ZBVJ3 Datasheet
135Kb / 3P
Harmony XB4, Light block for head 횠22, green, integral LED, screw clamp terminal, 12 V AC/DC
Nov 1, 2021
ZBVM15 SCHNEIDER-ZBVM15 Datasheet
145Kb / 4P
Harmony XB4, Light block for head 횠22, white, integral LED, spring clamp terminal, 230??40 V AC
Nov 1, 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com