Electronic Components Datasheet Search
  English  ▼

X  

MAX5754 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5754
Description  32-Channel, 14-Bit, Voltage-Output DACs with Serial Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5754 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5754 Datasheet HTML 1Page - Maxim Integrated Products MAX5754 Datasheet HTML 2Page - Maxim Integrated Products MAX5754 Datasheet HTML 3Page - Maxim Integrated Products MAX5754 Datasheet HTML 4Page - Maxim Integrated Products MAX5754 Datasheet HTML 5Page - Maxim Integrated Products MAX5754 Datasheet HTML 6Page - Maxim Integrated Products MAX5754 Datasheet HTML 7Page - Maxim Integrated Products MAX5754 Datasheet HTML 8Page - Maxim Integrated Products MAX5754 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
ELECTRICAL CHARACTERISTICS—MAX5753 (0 to +10V Output Voltage Range)
(AVCC = +10.5V to +11V (Note 1), AVDD = 5V ±5%, DVDD = +2.7V to AVDD, VSS = AGND = DGND = REFGND = GS = 0, VREF = +3.0V,
RL =
∞, CL = 50pF referenced to ground, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC CHARACTERISTICS
Resolution
N
14
Bits
Integral Nonlinearity
INL
(Note 2)
±2
±4
LSB
Differential Nonlinearity
DNL
Guaranteed monotonic (Note 3)
±1
LSB
Zero-Scale Error
VOS
VSS = -0.5V, AVCC = +10V (Note 4)
±8
±40
mV
Full-Scale Error
(Note 4)
±8
±50
mV
Gain Error
±0.1
±0.5
%FSR
Gain Temperature Coefficient
20
ppm
FSR/°C
DC Crosstalk
VSS = -0.5V, AVCC = +10V (Note 5)
50
250
µV
DYNAMIC CHARACTERISTICS
Output-Voltage Settling Time
Full-scale change to ±0.5 LSB
20
µs
Voltage-Output Slew Rate
1
V/µs
Digital Feedthrough
(Note 6)
5
nV-s
Digital Crosstalk
(Note 7)
5
nV-s
Digital-to-Analog Glitch Impulse
Major carry transition
120
nV-s
DAC-to-DAC Crosstalk
(Note 8)
15
nV-s
Output Noise Spectral Density at
1kHz
Full-scale code
250
nV/
√Hz
ANALOG OUTPUTS (OUT0 to OUT31)
Output Voltage Range
VSS = -0.5V, AVCC = +10.5V
0
10
V
Resistive Load to Ground
10
50
k
Ω
32-Channel, 14-Bit, Voltage-Output
DACs with Serial Interface
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
AVCC to VSS, AGND, DGND, REFGND ..................-0.3V to +12V
VSS to AGND, DGND................................................-6V to +0.3V
AVDD, DVDD to AGND, DGND, REFGND.................-0.3V to +6V
AGND to DGND.....................................................-0.3V to +0.3V
REF to AGND, DGND,
REFGND...............-0.3V to the lower of (AVDD + 0.3V) and +6V
REFGND to AGND.................................................-0.3V to +0.3V
Digital Inputs to AGND, DGND,
REFGND..............-0.3V to the lower of (DVDD + 0.3V) and +6V
DOUT to DGND.......-0.3V to the lower of (DVDD + 0.3V) and +6V
OUT_ to VSS.........-0.3V to the lower of (AVCC + 0.3V) and +12V
GS to AGND ................................................................-1V to +1V
Maximum Current into REF...............................................±10mA
Maximum Current into Any Pin .........................................±50mA
Continuous Power Dissipation (TA = +70°C)
Thin QFN (derate 31.3mW/°C above +70°C)...................2.5W
Thin QFP (derate 25mW/°C above +70°C) ......................2.0W
Operating Temperature Range...............................0°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com