Electronic Components Datasheet Search
  English  ▼

X  

MAX7315 Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # MAX7315
Description  8-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7315 Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button MAX7315 Datasheet HTML 16Page - Maxim Integrated Products MAX7315 Datasheet HTML 17Page - Maxim Integrated Products MAX7315 Datasheet HTML 18Page - Maxim Integrated Products MAX7315 Datasheet HTML 19Page - Maxim Integrated Products MAX7315 Datasheet HTML 20Page - Maxim Integrated Products MAX7315 Datasheet HTML 21Page - Maxim Integrated Products MAX7315 Datasheet HTML 22Page - Maxim Integrated Products MAX7315 Datasheet HTML 23Page - Maxim Integrated Products MAX7315 Datasheet HTML 24Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
where:
RLED is the resistance of the resistor in series with the
LED (
Ω).
VSUPPLY is the supply voltage used to drive the LED (V).
VLED is the forward voltage of the LED (V).
VOL is the output low voltage of the MAX7315 when
sinking ILED (V).
ILED is the desired operating current of the LED (A).
For example, to operate a 2.2V red LED at 14mA from a
5V supply, RLED = (5 - 2.2 - 0.25) / 0.014 = 182
Ω.
Driving Load Currents Higher than 50mA
The MAX7315 can be used to drive loads drawing more
than 50mA, like relays and high-current white LEDs, by
paralleling outputs. Use at least one output per 50mA of
load current; for example, a 5V 330mW relay draws
66mA and needs two paralleled outputs to drive it.
Ensure that the paralleled outputs chosen are controlled
by the same blink phase register, i.e., select outputs
from the P0 through P7 range. This way, the paralleled
outputs are turned on and off together. Do not use out-
put O8 as part of a load-sharing design. O8 cannot be
switched at the same time as any of the other outputs
because it is controlled by a different register.
The MAX7315 must be protected from the negative
voltage transient generated when switching off induc-
tive loads, such as relays, by connecting a reverse-
biased diode across the inductive load (Figure 18). The
peak current through the diode is the inductive load’s
operating current.
Power-Supply Considerations
The MAX7315 operates with a power-supply voltage of
2V to 3.6V. Bypass the power supply to GND with at
least 0.047µF as close to the device as possible. For
the QFN version, connect the underside exposed pad
to GND.
Chip Information
TRANSISTOR COUNT: 17,611
PROCESS: BiCMOS
8-Port I/O Expander with LED Intensity
Control, Interrupt, and Hot-Insertion Protection
20
______________________________________________________________________________________
Table 12. PWM Intensity Settings (Blink Enabled)
EXAMPLES OF LED BLINK BEHAVIOR
(LED IS ON WHEN OUTPUT IS LOW)
PWM DUTY CYCLE
OUTPUT BLINK
PHASE X
REGISTER BIT = 0
PWM DUTY CYCLE
OUTPUT BLINK
PHASE X
REGISTER BIT = 1
OUTPUT
(OR
GLOBAL)
INTENSITY
SETTING
LOW
TIME
HIGH
TIME
LOW
TIME
HIGH
TIME
BLINK PHASE 0
REGISTER BIT = 0
BLINK PHASE 1
REGISTER BIT = 1
BLINK PHASE 0
REGISTER BIT = 1
BLINK PHASE 1
REGISTER BIT = 0
0x0
1/16
15/16
15/16
1/16
0x1
2/16
14/16
14/16
2/16
0x2
3/16
13/16
13/16
3/16
0x3
4/16
12/16
12/16
4/16
0x4
5/16
11/16
11/16
5/16
0x5
6/16
10/16
10/16
6/16
0x6
7/16
9/16
9/16
7/16
Phase 0: LED on at low intensity
Phase 1: LED on at high intensity
Phase 0: LED on at high intensity
Phase 1: LED on at low intensity
0x7
8/16
8/16
8/16
8/16
Output is half intensity during both blink phases
0x8
9/16
7/16
7/16
9/16
0x9
10/16
6/16
6/16
10/16
0xA
11/16
5/16
5/16
11/16
0xB
12/16
4/16
4/16
12/16
0xC
13/16
3/16
3/16
13/16
0xD
14/16
2/16
2/16
14/16
0xE
15/16
1/16
1/16
15/16
Phase 0: LED on at high intensity
Phase 1: LED on at low intensity
Phase 0: LED on at low intensity
Phase 1: LED on at high intensity
0xF
Static low
Static low
Static high
impedance
Static high
impedance
Phase 0: LED on continuously
Phase 1: LED off continuously
Phase 0: LED off continuously
Phase 1: LED on continuously



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com