Electronic Components Datasheet Search
  English  ▼

X  

MAX7315 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX7315
Description  8-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7315 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX7315 Datasheet HTML 17Page - Maxim Integrated Products MAX7315 Datasheet HTML 18Page - Maxim Integrated Products MAX7315 Datasheet HTML 19Page - Maxim Integrated Products MAX7315 Datasheet HTML 20Page - Maxim Integrated Products MAX7315 Datasheet HTML 21Page - Maxim Integrated Products MAX7315 Datasheet HTML 22Page - Maxim Integrated Products MAX7315 Datasheet HTML 23Page - Maxim Integrated Products MAX7315 Datasheet HTML 24Page - Maxim Integrated Products MAX7315 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
8-Port I/O Expander with LED Intensity
Control, Interrupt, and Hot-Insertion Protection
______________________________________________________________________________________________________
21
Table 13. Master, O8 Intensity Register
REGISTER DATA
REGISTER
ADDRESS
CODE
(HEX)
D7
D6
D5
D4
D3
D2
D1
D0
MSB
LSB
MSB
LSB
MASTER AND GLOBAL INTENSITY
R/
W
MASTER INTENSITY
O8 INTENSITY
Write master and global intensity
0
Read back master and global intensity
1
M3
M2
M1
M0
G3
G2
G1
G0
Master intensity duty cycle is 0/15 (off);
internal oscillator is disabled;
all outputs will be static with no PWM
—
0000
—
—
—
—
Master intensity duty cycle is 1/15
—
0001
—
—
—
—
Master intensity duty cycle is 2/15
—
0010
—
—
—
—
Master intensity duty cycle is 3/15
—
0011
—
—
—
—
—
—
—
————
———
Master intensity duty cycle is 13/15
—
1101
—
—
—
—
Master intensity duty cycle is 14/15
—
1110
—
—
—
—
Master intensity duty cycle is 15/15 (full)
—
1111
—
—
—
—
O8 intensity duty cycle is 1/16
—
—
———
0
0
0
0
O8 intensity duty cycle is 2/16
—
—
———
0
0
0
1
O8 intensity duty cycle is 3/16
—
—
———
0
0
1
0
—
—
—
————
———
O8 intensity duty cycle is 14/16
—
—
———
1
1
0
1
O8 intensity duty cycle is 15/16
—
—
———
1
1
1
0
O8 intensity duty cycle is 16/16
(static output, no PWM)
—
0X0E
—
———
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com