Electronic Components Datasheet Search
  English  ▼

X  

MAX9110ESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9110ESA
Description  Single/Dual LVDS Line Drivers with Ultra-Low Pulse Skew in SOT23
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9110ESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9110ESA Datasheet HTML 1Page - Maxim Integrated Products MAX9110ESA Datasheet HTML 2Page - Maxim Integrated Products MAX9110ESA Datasheet HTML 3Page - Maxim Integrated Products MAX9110ESA Datasheet HTML 4Page - Maxim Integrated Products MAX9110ESA Datasheet HTML 5Page - Maxim Integrated Products MAX9110ESA Datasheet HTML 6Page - Maxim Integrated Products MAX9110ESA Datasheet HTML 7Page - Maxim Integrated Products MAX9110ESA Datasheet HTML 8Page - Maxim Integrated Products MAX9110ESA Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Supply Voltage (VCC to GND).................................-0.3V to +4V
Input Voltage (VDIN_ to GND).................. -0.3V to (VCC + 0.3V)
Output Voltage (VDO_+, VDO_- to GND or VCC).... -0.3V to +3.9V
Output Short-Circuit Duration
(DO_+, DO_- to VCC or GND)...............................Continuous
ESD Protection (Human Body Model, DO_+, DO_-) ........ ±11kV
Continuous Power Dissipation (TA = +70°C)
8-Pin SOT23 (derate 7.52mW/°C above +70°C) ........602mW
8-Pin SO (derate 5.88mW/°C above +70°C)...............471mW
Operating Temperature Range........................... -40°C to +85°C
Storage Temperature Range............................ -65°C to +150°C
Lead Temperature (soldering,10s) ..................................+300°C
(VCC = +3.0V to +3.6V, RL = 100Ω ±1%, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VCC = +3.3V, TA = +25°C.)
(Notes 1, 2)
(VCC = +3.0V to +3.6V, RL = 100Ω ±1%, CL = 5pF, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VCC = +3.3V,
TA = +25°C.) (Notes 3, 4, 5; Figures 2, 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Differential Output Voltage
VOD
Figure 1
250
350
450
mV
Change in Magnitude of Output
Voltage for Complementary
Output States
ΔVOD
Figure 1
0
2
35
mV
Offset Voltage
VOS
Figure 1
1.125
1.25
1.375
V
Change in Magnitude of Offset
Voltage for Complementary
Output States
ΔVOS
Figure 1
0
2
25
mV
Power-Off Leakage Current
IO(OFF)
VDO_ _ = 0 or VCC, VCC = 0 or open
-10
+10
µA
Short-Circuit Output Current
IO(SHORT)
DIN_ = VCC, VDO_+ = 0 or
DIN_ = GND, VDO_- = 0
-20
mA
Input High Voltage
VIH
2.0
VCC
V
Input Low Voltage
VIL
GND
0.8
V
Input Current High
IIH
DIN_ = VCC or 2V
0
10
20
µA
Input Current Low
IIL
DIN_ = GND or 0.8V
-20
-3
0
µA
No-Load Supply Current
ICC
No load, DIN_ = VCC or 0
4.5
6
mA
Supply Current
ICC
DIN_ = VCC or 0
MAX9110
6.7
8
mA
MAX9112
9.4
13
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Differential High-to-Low
Propagation Delay
tPHLD
1
1.54
2.5
ns
Differential Low-to-High
Propagation Delay
tPLHD
1
1.58
2.5
ns
Differential Pulse Skew
|tPHLD - tPLHD| (Note 6)
tSKD1
40
250
ps
Channel-to-Channel Skew (Note 7)
tSKD2
70
400
ps
MAX9110/MAX9112
Single/Dual LVDS Line Drivers with
Ultra-Low Pulse Skew in SOT23
www.maximintegrated.com
Maxim Integrated │ 2
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Electrical Characteristics
AC Characteristics



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com