Electronic Components Datasheet Search
  English  ▼

X  

MAX9110ESA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9110ESA
Description  Single/Dual LVDS Line Drivers with Ultra-Low Pulse Skew in SOT23
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9110ESA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9110ESA Datasheet HTML 1Page - Maxim Integrated Products MAX9110ESA Datasheet HTML 2Page - Maxim Integrated Products MAX9110ESA Datasheet HTML 3Page - Maxim Integrated Products MAX9110ESA Datasheet HTML 4Page - Maxim Integrated Products MAX9110ESA Datasheet HTML 5Page - Maxim Integrated Products MAX9110ESA Datasheet HTML 6Page - Maxim Integrated Products MAX9110ESA Datasheet HTML 7Page - Maxim Integrated Products MAX9110ESA Datasheet HTML 8Page - Maxim Integrated Products MAX9110ESA Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
(VCC = +3.3V, RL = 100Ω, CL = 5pF, VIH = +3V, VIL = GND, fIN = 20MHz, TA = +25°C, unless otherwise noted.) (Figures 2, 3)
Detailed Description
The MAX9110/MAX9112 single/dual LVDS transmitters
are intended for high-speed, point-to-point, low-power
applications. These devices accept CMOS/LVTTL inputs
with data rates exceeding 500Mbps. The MAX9110/
MAX9112 reduce power consumption and EMI by translating
these signals to a differential voltage in the 250mV to
450mV range across a 100Ω load while drawing only
9.4mA of supply current for the dualchannel MAX9112.
A current-steering approach induces less ground
bounce and no shoot-through current, enhancing noise
margin and system speed performance. The output
PIN
NAME
FUNCTION
MAX9110
MAX9112
SOT23
SO
SOT23
SO
4
1
4
1
VCC
Positive Supply
1
2
—
—
DIN
Transmitter Input
—
—
1, 3
2, 3
DIN1, DIN2
3, 5, 6
3, 5, 6
—
—
N.C.
No Connection. Not internally connected.
2
4
2
4
GND
Ground
7
7
—
—
DO+
Noninverting Transmitter Output
—
—
6, 7
6, 7
DO2+, DO1+
8
8
—
—
DO-
Inverting Transmitter Output
—
—
5, 8
5, 8
DO2-, DO1-
1.35
1.38
1.37
1.36
1.39
1.40
1.41
1.42
1.43
1.44
1.45
75.0
100.0
87.5
112.5 125.0 137.5 150.0
LOAD RESISTANCE (Ω)
OUTPUT HIGH VOLTAGE
vs. LOAD RESISTANCE
VCC = +3V
VCC = +3.3V
VCC = +3.6V
1.00
1.03
1.02
1.01
1.04
1.05
1.06
1.07
1.08
1.09
1.10
75.0
100.0
87.5
112.5 125.0 137.5 150.0
LOAD RESISTANCE (Ω)
OUTPUT LOW VOLTAGE
vs. LOAD RESISTANCE
VCC = +3.6V
VCC = +3.3V
VCC = +3V
MAX9110/MAX9112
Single/Dual LVDS Line Drivers with
Ultra-Low Pulse Skew in SOT23
www.maximintegrated.com
Maxim Integrated │ 5
Typical Operating Characteristics (continued)
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com