Electronic Components Datasheet Search
  English  ▼

X  

BIS00NP Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BIS00NP
Description  LF (125 kHz)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BIS00NP Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BIS00NP Datasheet HTML 1Page - Balluff Korea Ltd. BIS00NP Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LF (125 kHz)
BIS L-380-22/BU-PU1-00,15
Order Code: BIS00NP
Internet
www.balluff.com
eCl@ss 9.1: 27-28-04-01
Subject to change without notice: 212634
ETIM 6.0: EC002998
BIS00NP_3.24_2021-10-22
1 / 2
1) Sensing surface, 2) Clear zone, 3) Data carrier, 4) Tightening torque, 5) Cable length see text
Basic features
Antenna type
round
Approval/Conformity
CE
cULus
EAC
WEEE
Principle of operation
Data Coupler
Electrical connection
Bending radius min., fixed cable
5 x D
Bending radius min., flexible cable
10 x D
Cable diameter D
5.40 mm
Cable length L
0.15 m, drag chain compatible
Cable, bending cycles min.
2 mil.
Connection
M12x1-Female, 4-pin, A-coded
Connection type
0.15 m, PU
Environmental conditions
Ambient temperature
0...70 °C
Cable temperature, drag chain
-25...60 °C
Cable temperature, fixed routing
-50...80 °C
Continuous shock load
yes
EN 60068-2-27, Shock
yes
EN 60068-2-32 Free fall
yes
EN 60068-2-6, Vibration
yes
IP rating
IP67
Storage temperature
-20...85 °C
Material
Housing material
ABS, GF16
Material jacket
PU
Mechanical data
Application weight
57.00 g
Dimension
25 x 10 x 50 mm
Installation
metal-free (clear zone)


Similar Part No. - BIS00NP

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BIS00N1 BALLUFF-BIS00N1 Datasheet
162Kb / 3P
HF (13.56 MHz)
BIS00N3 BALLUFF-BIS00N3 Datasheet
668Kb / 4P
LF (70/455 kHz)
BIS00N7 BALLUFF-BIS00N7 Datasheet
139Kb / 3P
LF (70/455 kHz)
BIS00NL BALLUFF-BIS00NL Datasheet
110Kb / 2P
UHF (860...960 MHz)
BIS00NN BALLUFF-BIS00NN Datasheet
118Kb / 2P
LF (125 kHz)
More results

Similar Description - BIS00NP

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BIS00K0 BALLUFF-BIS00K0 Datasheet
175Kb / 7P
LF (125 kHz)
BIS00KJ BALLUFF-BIS00KJ Datasheet
93Kb / 1P
LF (125 kHz)
BIS00KK BALLUFF-BIS00KK Datasheet
94Kb / 1P
LF (125 kHz)
BCC00R3 BALLUFF-BCC00R3 Datasheet
92Kb / 1P
LF (125 kHz)
BIS00CC BALLUFF-BIS00CC Datasheet
192Kb / 4P
LF (125 kHz)
BIS00CN BALLUFF-BIS00CN Datasheet
191Kb / 3P
LF (125 kHz)
BIS00CU BALLUFF-BIS00CU Datasheet
191Kb / 3P
LF (125 kHz)
BIS003C BALLUFF-BIS003C Datasheet
105Kb / 2P
LF (125 kHz)
BIS003L BALLUFF-BIS003L Datasheet
103Kb / 1P
LF (125 kHz)
BIS003T BALLUFF-BIS003T Datasheet
93Kb / 2P
LF (125 kHz)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com