Electronic Components Datasheet Search
  English  ▼

X  

BIS00NP Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BIS00NP
Description  LF (125 kHz)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BIS00NP Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BIS00NP Datasheet HTML 1Page - Balluff Korea Ltd. BIS00NP Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LF (125 kHz)
BIS L-380-22/BU-PU1-00,15
Order Code: BIS00NP
Internet
www.balluff.com
eCl@ss 9.1: 27-28-04-01
Subject to change without notice: 212634
ETIM 6.0: EC002998
BIS00NP_3.24_2021-10-22
2 / 2
Remarks
Only together with processor BIS L-60xx, read/write head BIS L-300-S115, cable BIS L-50. and data coupler for read head BIS L-380-ST/10.
For initial equipping also order data coupler BIS L-380-ST/10 with read head. Max. cable length 0.5 m. Cable not variable.
Values are under rated conditions unless otherwise specified.
For installation in metal: Observe clear zone.
Technical Drawings
1) Distance



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com