Electronic Components Datasheet Search
  English  ▼

X  

D162DB12PI Datasheet(PDF) 50 Page - Advanced Micro Devices

Part # D162DB12PI
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

D162DB12PI Datasheet(HTML) 50 Page - Advanced Micro Devices

Back Button D162DB12PI Datasheet HTML 46Page - Advanced Micro Devices D162DB12PI Datasheet HTML 47Page - Advanced Micro Devices D162DB12PI Datasheet HTML 48Page - Advanced Micro Devices D162DB12PI Datasheet HTML 49Page - Advanced Micro Devices D162DB12PI Datasheet HTML 50Page - Advanced Micro Devices D162DB12PI Datasheet HTML 51Page - Advanced Micro Devices D162DB12PI Datasheet HTML 52Page - Advanced Micro Devices D162DB12PI Datasheet HTML 53Page - Advanced Micro Devices D162DB12PI Datasheet HTML 54Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 57 page
background image
50
Am29DL16xD
May 26, 2004
ERASE AND PROGRAMMING PERFORMANCE
Notes:
1. Typical program and erase times assume the following conditions: 25
°C, 3.0 V V
CC, 1,000,000 cycles. Additionally,
programming typicals assume checkerboard pattern.
2. Under worst case conditions of 90
°C, V
CC = 2.7 V, 1,000,000 cycles.
3. The typical chip programming time is considerably less than the maximum chip programming time listed, since most bytes
program faster than the maximum program times listed.
4. In the pre-programming step of the Embedded Erase algorithm, all bytes are programmed to 00h before erasure.
5. System-level overhead is the time required to execute the two- or four-bus-cycle sequence for the program command. See Table
14 for further information on command definitions.
6. The device has a minimum erase and program cycle endurance of 1,000,000 cycles.
LATCHUP CHARACTERISTICS
Note: Includes all pins except V
CC. Test conditions: VCC = 3.0 V, one pin at a time.
PACKAGE AND PIN CAPACITANCE
Notes:
1. Sampled, not 100% tested.
2. Test conditions T
A = 25°C, f = 1.0 MHz.
DATA RETENTION
Parameter
Typ (Note 1)
Max (Note 2)
Unit
Comments
Sector Erase Time
0.7
15
sec
Excludes 00h programming
prior to erasure (Note 4)
Chip Erase Time
27
sec
Byte Program Time
5
150
µs
Excludes system level
overhead (Note 5)
Word Program Time
7
210
µs
Accelerated Byte/Word Program Time
4
120
µs
Chip Program Time
(Note 3)
Byte Mode
9
27
sec
Word Mode
6
18
Description
Min
Max
Input voltage with respect to V
SS on all pins except I/O pins
(including A9, OE#, and RESET#)
–1.0 V
12.5 V
Input voltage with respect to V
SS on all I/O pins
–1.0 V
V
CC + 1.0 V
V
CC Current
–100 mA
+100 mA
Parameter Symbol
Parameter Description
Test Setup
Typ
Max
Unit
C
IN
Input Capacitance
V
IN = 0
TSOP/SO
6
7.5
pF
BGA
4.2
5
pF
C
OUT
Output Capacitance
V
OUT = 0
TSOP/SO
8.5
12
pF
BGA
5.4
6.5
pF
C
IN2
Control Pin Capacitance
V
IN = 0
TSOP/SO
7.5
9
pF
BGA
3.9
4.7
pF
Parameter Description
Test Conditions
Min
Unit
Minimum Pattern Data Retention Time
150
°C10
Years
125
°C20
Years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com