Electronic Components Datasheet Search
  English  ▼

X  

D162DB12PI Datasheet(PDF) 11 Page - Advanced Micro Devices

Part # D162DB12PI
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

D162DB12PI Datasheet(HTML) 11 Page - Advanced Micro Devices

Back Button D162DB12PI Datasheet HTML 7Page - Advanced Micro Devices D162DB12PI Datasheet HTML 8Page - Advanced Micro Devices D162DB12PI Datasheet HTML 9Page - Advanced Micro Devices D162DB12PI Datasheet HTML 10Page - Advanced Micro Devices D162DB12PI Datasheet HTML 11Page - Advanced Micro Devices D162DB12PI Datasheet HTML 12Page - Advanced Micro Devices D162DB12PI Datasheet HTML 13Page - Advanced Micro Devices D162DB12PI Datasheet HTML 14Page - Advanced Micro Devices D162DB12PI Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 57 page
background image
May 26, 2004
Am29DL16xD
11
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid
Combination) is formed by a combination of the following:
Valid Combinations
Valid Combinations list configurations planned to be supported in volume for this device. Consult the local AMD sales office to confirm availability
of specific valid combinations and to check on newly released combinations.
Am29DL16xD
T
70
E
I
OPTIONAL PROCESSING
Blank =
Standard Processing
N
=
16-byte ESN devices
TEMPERATURE RANGE
F
=
Industrial (–40
°C to +85°C) with Pb-Free Package
I
=
Industrial (–40
°C to +85°C)
PACKAGE TYPE
E
=
48-Pin Thin Small Outline Package (TSOP) Standard Pinout (TS 048)
PC
=
64-Ball Fortified Ball Grid Array
1.0 mm pitch, 13 x 11 mm package (LAA064)
WC
=
48-Ball Fine-Pitch Ball Grid Array
0.80 mm pitch, 8 x 9 mm package (FBC048)
VR
=
48-Ball Very Thin Profile Ball Grid Array
0.80 mm pitch, 8.15 x 6.15 mm package (VBF048)
SPEED OPTION
See Product Selector Guide and Valid Combinations
BOOT CODE SECTOR ARCHITECTURE
T=
Top sector
B
=
Bottom sector
DEVICE NUMBER/DESCRIPTION
Am29DL16xD
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS Flash Memory, 3.0 Volt-only Read, Program, and Erase
Valid Combinations for TSOP Packages
Valid Combinations for FBGA Packages
Order Number
Order Number
Package Marking
AM29DL161DT70, AM29DL161DB70
EI,
EF
AM29DL161DT70, AM29DL161DB70
PCI,
WCI,
VRI,
PCF,
WCF,
VRF
D161DT70, D161DB70
PI,
VI,
UI,
PF,
VF,
UF
AM29DL162DT70, AM29DL162DB70
AM29DL162DT70, AM29DL162DB70
D162DT70, D162DB70
AM29DL163DT70, AM29DL163DB70
AM29DL163DT70, AM29DL163DB70
D163DT70, D163DB70
AM29DL164DT70, AM29DL164DB70
AM29DL164DT70, AM29DL164DB70
D164DT70, D164DB70
AM29DL161DT90, AM29DL161DB90
AM29DL161DT90, AM29DL161DB90
D161DT90, D161DB90
AM29DL162DT90, AM29DL162DB90
AM29DL162DT90, AM29DL162DB90
D162DT90, D162DB90
AM29DL163DT90, AM29DL163DB90
AM29DL163DT90, AM29DL163DB90
D163DT90, D163DB90
AM29DL164DT90, AM29DL164DB90
AM29DL164DT90, AM29DL164DB90
D164DT90, D164DB90
AM29DL161DT120, AM29DL161DB120
AM29DL161DT120, AM29DL161DB120
D161DT12, D161DB12
AM29DL162DT120, AM29DL162DB120
AM29DL162DT120, AM29DL162DB120
D162DT12, D162DB12
AM29DL163DT120, AM29DL163DB120
AM29DL163DT120, AM29DL163DB120
D163DT12, D163DB12
AM29DL164DT120, AM29DL164DB120
AM29DL164DT120, AM29DL164DB120
D164DT12, D164DB12
Note: Ordering numbers containing PCI are identified on device packages with PI. The same
applies to WCI and VI, as well as VRI and UI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com