Electronic Components Datasheet Search
  English  ▼

X  

DFKF Datasheet(PDF) 3 Page - Schurter Inc.

Part # DFKF
Description  Magnetically Compensated Choke, 1-phase, flat design
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

DFKF Datasheet(HTML) 3 Page - Schurter Inc.

  DFKF Datasheet HTML 1Page - Schurter Inc. DFKF Datasheet HTML 2Page - Schurter Inc. DFKF Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Suppression Chokes
DFKF
https://www.schurter.com /PG81_82
EMC Products
Impedance curves
DFKF-18-xxxx
10k
100k
1M
10M f [Hz]
z [
Ω]
1M
100k
10k
1k
100
10
0.4A
0.6A
1.2A
1.5A
2A
4A
DFKF-28-xxxx
10k
100k
1M
10M f [Hz]
z [
Ω]
1M
100k
10k
1k
100
10
0.6A
1A
1.4A
2A
4A
6.3A
All Variants
In [A]
Ln [mH]
Rcu
[m
Ω]
Tripped Power Dissi-
pation [W]
fRES
[MHz]
Weight [g]
Housing
Packing unit [pcs.]
Order Number
0.4
40
1200
0.4
0.11
5 g
04-2
48
DFKF-18-0001
█
0.6
40
1000
0.7
0.2
16 g
15-2
40
DFKF-28-0001
1
20
360
0.7
0.28
16 g
15-2
40
DFKF-28-0002
1.2
6.8
200
0.6
0.45
5 g
04-2
45
DFKF-18-0003
█
1.4
27
310
-
-
16 g
15-2
40
DFKF-28-0003
1.5
3.3
110
0.5
1.2
5 g
04-2
45
DFKF-18-0004
2
1.8
60
-
-
5 g
04-2
45
DFKF-18-0005
2
6
100
0.8
0.3
16 g
15-2
40
DFKF-28-0004
4
0.7
16
0.5
2.5
5 g
04-2
45
DFKF-18-0006
█
4
1.5
28
0.9
1.3
16 g
15-2
40
DFKF-28-0005
6.3
0.6
13
1
2.5
16 g
15-2
40
DFKF-28-0006
█
█ Most Popular.
Availability for all products can be searched real-time:https://www.schurter.com/en/Stock-Check/Stock-Check-SCHURTER
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com