Electronic Components Datasheet Search
  English  ▼

X  

DFKF Datasheet(PDF) 1 Page - Schurter Inc.

Part # DFKF
Description  Magnetically Compensated Choke, 1-phase, flat design
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

DFKF Datasheet(HTML) 1 Page - Schurter Inc.

  DFKF Datasheet HTML 1Page - Schurter Inc. DFKF Datasheet HTML 2Page - Schurter Inc. DFKF Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Suppression Chokes
DFKF
https://www.schurter.com /PG81_82
EMC Products
Magnetically Compensated Choke, 1-phase, flat design
See below:
Approvals and Compliances
Description
- Current compensated choke
- 1-phase choke
- THT-terminals
- Inductor horizontally positioned in housing
- SMD version on request
Applications
- Attenuation of common mode interferences
- Designed for 230/400 VAC applications
- Chopper amplifiers
- DC drives and stepper motor controls
- Switching power supplies
Weblinks
pdf data sheet, html datasheet, General Product Information, Approvals,
Distributor-Stock-Check, Detailed request for product, SPICE Library
Technical Data
Rated voltage
up to 440 VAC
␣
UL 250 VAC
Rated Current
0.4 - 6.3 A @ Ta 40 °C
Rated inductance
0.6 - 40 mH, Tol. -30% +50%
Power Operating Frequency
50 / 60 Hz
Terminal Type
THT
Weight
5 - 16 g
Material: Housing
UL 94V-0
Sealing Compound
UL 94V-0
Test Voltage
1.8 kV, 50 Hz, 1 min, winding to winding
Isolation Voltage
2 kV eff., winding to ambient
Climatic Category
25/100/21 acc. to IEC 60068-1
Allowable Operation Temp.
-25 °C to 100 °C
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
SCHURTER products are designed for use in industrial environments. They have approvals from independent testing bodies according to national
and international standards. Products with specific characteristics and requirements such as required in the automotive sector according to IATF
16949, medical technology according to ISO 13485 or in the aerospace industry can be offered exclusively with customer-specific, individual agree-
ments by SCHURTER.
Approvals
The approval mark is used by the testing authorities to certify compliance with the safety requirements placed on electronic products.
Approval Reference Type: DFKF2
Approval Logo
Certificates
Certification Body
Description
UL Approvals
UL
UL File Number: E72928
Application standards
Application standards where the product can be used
Organization
Design
Standard
Description
Designed for applications acc.
IEC/UL 62368-1
Audio/video, information and communication technology equipment - Part
1: Safety requirements


Similar Part No. - DFKF

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DFKF SCHURTER-DFKF Datasheet
371Kb / 2P
Magnetically Compensated Choke, 1-phase, flat design
DFKF SCHURTER-DFKF Datasheet
291Kb / 3P
Magnetically Compensated Choke, 1-phase, flat design
DFKF-18-0001 SCHURTER-DFKF-18-0001 Datasheet
371Kb / 2P
Magnetically Compensated Choke, 1-phase, flat design
DFKF-18-0002 SCHURTER-DFKF-18-0002 Datasheet
371Kb / 2P
Magnetically Compensated Choke, 1-phase, flat design
DFKF-18-0003 SCHURTER-DFKF-18-0003 Datasheet
371Kb / 2P
Magnetically Compensated Choke, 1-phase, flat design
More results

Similar Description - DFKF

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DFK SCHURTER-DFK Datasheet
423Kb / 3P
Magnetically Compensated Choke, 1- and 3-phase
DFKF SCHURTER-DFKF Datasheet
371Kb / 2P
Magnetically Compensated Choke, 1-phase, flat design
DFKH SCHURTER-DFKH Datasheet
367Kb / 2P
Magnetically Compensated Choke, 1-phase, high design
DKFP SCHURTER-DKFP Datasheet
632Kb / 4P
Magnetically Compensated Choke, compact
DFK SCHURTER-DFK_17 Datasheet
459Kb / 4P
Magnetically Compensated Choke, 1- and 3-phase
DFKF SCHURTER-DFKF_17 Datasheet
291Kb / 3P
Magnetically Compensated Choke, 1-phase, flat design
DFKH SCHURTER-DFKH_17 Datasheet
299Kb / 3P
Magnetically Compensated Choke, 1-phase, high design
DKFP SCHURTER-DKFP_17 Datasheet
567Kb / 6P
Magnetically Compensated Choke, compact
DFKH SCHURTER-DFKH_V01 Datasheet
310Kb / 3P
Magnetically Compensated Choke, 1-phase, high design
DFK SCHURTER-DFK_V01 Datasheet
470Kb / 4P
Magnetically Compensated Choke, 1- and 3-phase
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com