Electronic Components Datasheet Search
  English  ▼

X  

BCRT-FPC Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # BCRT-FPC
Description  BCRT Bus Controller/Remote Terminal/Monitor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BCRT-FPC Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button BCRT-FPC Datasheet HTML 15Page - List of Unclassifed Manufacturers BCRT-FPC Datasheet HTML 16Page - List of Unclassifed Manufacturers BCRT-FPC Datasheet HTML 17Page - List of Unclassifed Manufacturers BCRT-FPC Datasheet HTML 18Page - List of Unclassifed Manufacturers BCRT-FPC Datasheet HTML 19Page - List of Unclassifed Manufacturers BCRT-FPC Datasheet HTML 20Page - List of Unclassifed Manufacturers BCRT-FPC Datasheet HTML 21Page - List of Unclassifed Manufacturers BCRT-FPC Datasheet HTML 22Page - List of Unclassifed Manufacturers BCRT-FPC Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
RTI-19
CONTROL PINS
NAME
PIN NUMBER
TYPE
ACTIVE
DESCRIPTION
LCC
PGA
CS
44
E9
TI
AL
Chip Select. Active low input for host access of
transparent memory or the RTI internal registers. In
the transparent memory configuration CS is propa-
gated through the RTI to the RCS output.
CTRL
50
C11
TI
AL
Control. The host processor uses the active low
CTRL input signal in conjunction with CS and RD/
WR to access the RTI internal registers. CTRL is
also used in the software assignment of the terminal
address and programmed reset.
ADOEN
15
L3
TI
AL
Address Output Enable. When ADOEN is low the
Address Out bus (ADDR OUT (15:0)) is active. If
ADOEN = 1 the Address Out bus is high impedance.
RD/WR
46
E10
TI
--
Read/Write. The host processor uses a high level on
this input in conjunction with CS and CTRL to read
the RTI internal registers. A low level on this input is
used in conjunction with CS and CTRL to write to
internal RTI registers. In the transparent memory
configuration RD/WR is propagated through the RTI
to the RRD/RWR output.
BCEN
25
K7
TUI
AL
Broadcast Enable. Active low input enables broad-
cast commands.
ILL COMM
20
L5
TDI
AH
Illegal Command. The host processor uses the ILL
COMM input to inform the RTI that the present
command is illegal. ILL COMM is used in conjunc-
tion with MCSA(4:0) and MC/SA to define system
dependent illegal commands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com