Electronic Components Datasheet Search
  English  ▼

X  

BCRT-FPC Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # BCRT-FPC
Description  BCRT Bus Controller/Remote Terminal/Monitor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BCRT-FPC Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button BCRT-FPC Datasheet HTML 16Page - List of Unclassifed Manufacturers BCRT-FPC Datasheet HTML 17Page - List of Unclassifed Manufacturers BCRT-FPC Datasheet HTML 18Page - List of Unclassifed Manufacturers BCRT-FPC Datasheet HTML 19Page - List of Unclassifed Manufacturers BCRT-FPC Datasheet HTML 20Page - List of Unclassifed Manufacturers BCRT-FPC Datasheet HTML 21Page - List of Unclassifed Manufacturers BCRT-FPC Datasheet HTML 22Page - List of Unclassifed Manufacturers BCRT-FPC Datasheet HTML 23Page - List of Unclassifed Manufacturers BCRT-FPC Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
RTI-20
STATUS OUTPUTS
NAME
PIN NUMBER
TYPE
ACTIVE
DESCRIPTION
LCC
PGA
RCS
43
F9
TO
AL
RAM Chip Select. Active low output used to
enable memory for access.
RRD/RWR
45
E11
TO
--
RAM Read/Write. High output enables memory
read, low output enables memory write, used in
conjunction with RCS). Normally high output.
COMSTR
22
J6
TO
AL
Command Strobe. COMSTR is an active low
output of 500ns duration identifying receipt of a
valid command.
TIMERON
41
G11
TO
AL
Fail-safe Timer. The TIMERON output pulses
low for 730ms when the RTI begins transmit-
ting (i.e., rising edge of STATUS) to provide a
fail-safe timer meeting the requirements of
MIL-STD-1553B. This pulse is reset when
COMSTR goes low or during Master Reset. in
the external self-test mode TIMERON does not
recognize COMSTR and resets after 730ms.
MES ERR
49
D10
TO
AH
Message Error. The active high MES ERR out-
put signals that the Message Error bit in the Sta-
tus Register has been set due to receipt of an
invalid command or an error during message
sequence. MES ERR will reset to logic zero on
receipt of next valid command.
CH A/B
26
L6
TO
--
Channel A/B. Output identifying the channel on
which the most recent valid command was
received. Channel A = 1, Channel B = 0.
XMIT
38
H11
TO
AL
Transmit. Active low output identifies a
transmit command message transfer by the RTI
is in progress.
RCV
51
B11
TO
AL
Receive. Active low output identifies a receive
command message transfer by the RTI is in
progress.
BRDCST
36
J11
TO
AL
Broadcast. BRDCST is an active low output
that identifies receipt of a valid broadcast com-
mand.
STATUS
23
J7
TO
AH
Status. Active high output pulse indicating that
the RTI is in the process of transmitting a status
word.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com