Electronic Components Datasheet Search
  English  ▼

X  

LT8364 Datasheet(PDF) 2 Page - Analog Devices

Part # LT8364
Description  Low IQ Boost/SEPIC/Inverting Converter with 5A, 40V Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8364 Datasheet(HTML) 2 Page - Analog Devices

  LT8364 Datasheet HTML 1Page - Analog Devices LT8364 Datasheet HTML 2Page - Analog Devices LT8364 Datasheet HTML 3Page - Analog Devices LT8364 Datasheet HTML 4Page - Analog Devices LT8364 Datasheet HTML 5Page - Analog Devices LT8364 Datasheet HTML 6Page - Analog Devices LT8364 Datasheet HTML 7Page - Analog Devices LT8364 Datasheet HTML 8Page - Analog Devices LT8364 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LT8334
2
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
SW............................................................................40V
VIN, EN/UVLO............................................................40V
BIAS..........................................................................40V
SYNC ..........................................................................6V
INTVCC...............................................................(Note 2)
VC................................................................................4V
FBX ...........................................................................±4V
Operating Junction Temperature Range (Notes 3)
LT8334R ........................................... –40°C to 150°C
Storage Temperature Range .................. –65°C to 150°C
Maximum Junction Temperature .........................+150°C
(Note 1)
12
11
10
9
8
7
13
GND
1
2
3
4
5
6
SW1
SW2
SYNC/MODE
SS
RT
FBX
NC
EN/UVLO
VIN
INTVCC
BIAS
VC
TOP VIEW
DE PACKAGE
12-LEAD (4mm × 3mm) PLASTIC DFN
θJA = 43°C/W, θJC = 5.5°C/W
EXPOSED PAD (PIN 13) IS PGND AND GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT8334RDE#PBF
LT8334RDE#TRPBF
8334
12-Lead (4mm × 3mm) Plastic DFN
–40°C to 150°C
Contact the factory for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, EN/UVLO = 12V unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Operating Voltage Range
l
2.8
40
V
VIN Quiescent Current at Shutdown
VEN/UVLO = 0.2V
l
1
1
2
15
μA
μA
VEN/UVLO = 1.5V
l
2
2
5
25
μA
μA
VIN Quiescent Current
Sleep Mode (Not Switching)
SYNC = 0V
l
9
9
15
30
μA
μA
Active Mode (Not Switching)
SYNC = 0V or INTVCC, BIAS = 0V
l
1200
1200
1600
1850
µA
µA
SYNC = 0V or INTVCC, BIAS = 5V
l
22
22
40
65
µA
µA
BIAS Threshold
Rising, BIAS Can Supply INTVCC
Falling, BIAS Cannot Supply INTVCC
4.4
4
4.65
4.25
V
V
VIN Falling Threshold to Supply INTVCC
BIAS = 12V
BIAS – 2V
V
BIAS Falling Threshold to Supply INTVCC
VIN = 12V
VIN
V
FBX Regulation
FBX Regulation Voltage
FBX > 0V
FBX < 0V
l
l
1.568
–0.822
1.6
–0.80
1.636
–0.780
V
V
FBX Line Regulation
FBX > 0V, 2.8V < VIN < 40V
FBX < 0V, 2.8V < VIN < 40V
0.005
0.005
0.015
0.015
%/V
%/V
FBX Pin Current
FBX = 1.6V, –0.8V
l
–10
10
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com