Electronic Components Datasheet Search
  English  ▼

X  

LT8364 Datasheet(PDF) 19 Page - Analog Devices

Part # LT8364
Description  Low IQ Boost/SEPIC/Inverting Converter with 5A, 40V Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8364 Datasheet(HTML) 19 Page - Analog Devices

Back Button LT8364 Datasheet HTML 15Page - Analog Devices LT8364 Datasheet HTML 16Page - Analog Devices LT8364 Datasheet HTML 17Page - Analog Devices LT8364 Datasheet HTML 18Page - Analog Devices LT8364 Datasheet HTML 19Page - Analog Devices LT8364 Datasheet HTML 20Page - Analog Devices LT8364 Datasheet HTML 21Page - Analog Devices LT8364 Datasheet HTML 22Page - Analog Devices LT8364 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LT8334
19
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Inverting Converter: Inductor, Output Diode and Input
Capacitor Selections
The selections of the inductor, output diode and input
capacitor of an inverting converter are similar to those
of the SEPIC converter. Please refer to the corresponding
SEPIC converter sections.
Inverting Converter: Output Capacitor Selection
The inverting converter requires much smaller output
capacitors than those of the boost, flyback and SEPIC
converters for similar output ripples. Since in the inverting
converters, the inductor L2 is in series with the output,
and the ripple current flowing through the output capaci-
tors are continuous. The output ripple voltage is produced
by the ripple current of L2 flowing through the ESR and
bulk capacitance of the output capacitor (Equation 38).
ΔVOUT(P–P) = ΔIL2 • ESRCOUT +
1
8 • fOSC • COUT
⎛
⎝
⎜
⎞
⎠
⎟ (38)
After specifying the maximum output ripple, the user can
select the output capacitors according to Equation 38.
The ESR can be minimized by using high quality X5R or
X7R dielectric ceramic capacitors. In many applications,
ceramic capacitors are sufficient to limit the output volt-
age ripple.
The RMS ripple current rating of the output capacitor
needs to be greater than (Equation 39).
IRMS(COUT) > 0.3 • ∆IL2
(39)
Inverting Converter: Selecting the DC
Coupling Capacitor
The DC voltage rating of the DC coupling capacitor
(CDC, as shown in Figure 8) should be larger than the
maximum input voltage minus the output voltage (nega-
tive voltage), Equation 40.
VCDC > VIN(MAX) +| VOUT|
(40)
CDC has nearly a rectangular current waveform.
During the switch off-time, the current through CDC is
IIN, while approximately –IO flows during the on-time.
The RMS rating of the coupling capacitor is determined
with Equation 41.
IRMS(CDC) >IO(MAX) •
DMAX
1 − DMAX
(41)
A low ESR and ESL, X5R or X7R ceramic capacitor works
well for CDC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com