Electronic Components Datasheet Search
  English  ▼

X  

LTC4284 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC4284
Description  Negative Voltage Hot Swap Controller with Energy Monitor
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4284 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC4284 Datasheet HTML 7Page - Analog Devices LTC4284 Datasheet HTML 8Page - Analog Devices LTC4284 Datasheet HTML 9Page - Analog Devices LTC4284 Datasheet HTML 10Page - Analog Devices LTC4284 Datasheet HTML 11Page - Analog Devices LTC4284 Datasheet HTML 12Page - Analog Devices LTC4284 Datasheet HTML 13Page - Analog Devices LTC4284 Datasheet HTML 14Page - Analog Devices LTC4284 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 74 page
background image
LTC4283
11
Rev. B
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
TMR Pull-Up Current vs DRNS
Voltage
TMR Pull-Up Current vs SENSE
Input Voltage
ADIO Output Low Voltage vs Load
Current
PGIO Output Low Voltage vs Load
Current
VREF Output Voltage vs Load
Current
ADC Full-Scale Error vs
Temperature
CURRENT
LIMIT
100% VILIM
98% VILIM
50% VILIM
20% VILIM
10% VILIM
VDRNS (V)
0
0.6
1.2
1.8
2.4
3
0
100
200
300
400
4283 G10
∆VSENSE1 =
∆VSENSE1 =
∆VSENSE1 =
∆VSENSE1 =
∆VSENSE1 =
TA = –40°C
TA = 25°C
TA = 85°C
TA = 125°C
LOAD CURRENT (mA)
0
5
10
15
20
0
0.20
0.40
0.60
0.80
1.00
4283 G13
VILIM = 15mV
VDRAIN > VD,FET(TH)
POWER GOOD LATCHED
CURRENT LIMIT
VDRNS = 1.8V
VDRNS = 1.2V
VDRNS = 0.6V
VDRNS = 0V
∆VSENSE1 (mV)
0
2
4
6
8
10
12
14
16
0
50
100
150
200
250
4283 G11
LOAD CURRENT (µA)
–400
–200
0
200
400
600
1.022
1.023
1.024
1.025
1.026
4283 G14
TA = –40°C
TA = 25°C
TA = 85°C
TA = 125°C
LOAD CURRENT (mA)
0
5
10
15
20
0
0.20
0.40
0.60
0.80
4283 G12
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
–0.2
–0.1
0
0.1
0.2
0.3
4283 G15
Voltage ADC Total Unadjusted
Error (TUE) vs Code
Current ADC Total Unadjusted
Error (TUE) vs Code
12-Bit Voltage ADC INL vs Code
INPUT = VRTNS
RESOLUTION = 12-BIT
CODE
0
1024
2048
3072
4096
–0.10
–0.05
0
0.05
0.10
4283 G16
INPUT = SENSE+ – SENSE–
RESOLUTION = 12-BIT
CODE
0
1024
2048
3072
4096
–0.10
–0.05
0
0.05
0.10
4283 G17
INPUT = VRTNS
CODE
0
1024
2048
3072
4096
–1.0
–0.8
–0.6
–0.4
–0.2
0.0
0.2
0.4
0.6
0.8
1.0
4283 G18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com