Electronic Components Datasheet Search
  English  ▼

X  

LTC4284 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC4284
Description  Negative Voltage Hot Swap Controller with Energy Monitor
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4284 Datasheet(HTML) 3 Page - Analog Devices

  LTC4284 Datasheet HTML 1Page - Analog Devices LTC4284 Datasheet HTML 2Page - Analog Devices LTC4284 Datasheet HTML 3Page - Analog Devices LTC4284 Datasheet HTML 4Page - Analog Devices LTC4284 Datasheet HTML 5Page - Analog Devices LTC4284 Datasheet HTML 6Page - Analog Devices LTC4284 Datasheet HTML 7Page - Analog Devices LTC4284 Datasheet HTML 8Page - Analog Devices LTC4284 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 74 page
background image
LTC4283
3
Rev. B
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage:
VIN ...................................................... –0.3V to 12.5V
INTVCC.................................................. –0.3V to 5.5V
Input Voltages
VZ (Note 3)............................................. –0.3V to 16V
DRAIN (Note 4)..................................... –0.3V to 3.2V
EN# (Note 5)............................................ –0.3V to 6V
UVL, UVH .............................................. –0.3V to 16V
ADIN1-4, ADR0, ADR1, DRNS, OV, RTNS,
SCL, SDAI, SENSE+, SENSE–,
VOUTTH, WP.........................–0.3V to INTVCC + 0.3V
Output Voltages
GATE, PGIO1-4 ............................ –0.3V to VIN + 0.3V
VREF..................................................... –0.3V to 4.5V
ADIO1-4, RAMP, TMR............–0.3V to INTVCC + 0.3V
ALERT#, SDAO...................................... –0.3V to 5.5V
Input Currents:
VZ ......................................................................50mA
DRAIN...............................................................1.5mA
EN#......................................................................5mA
Operating Ambient Temperature Range
LTC4283C................................................ 0°C to 70°C
LTC4283I .............................................–40°C to 85°C
LTC4283H.......................................... –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
(Notes 1 and 2)
13 14 15 16
TOP VIEW
39
VEE
UHF PACKAGE
38-LEAD (5mm × 7mm) PLASTIC QFN
TJMAX = 150°C, θJA = 34°C/W, θJC = 2°C/W
EXPOSED PAD (PIN 39) IS VEE, CONNECTION OPTIONAL
17 18 19
38 37 36 35 34 33 32
24
25
26
27
28
29
30
31
8
7
6
5
4
3
2
1
EN#
UVL
UVH
OV
VREF
VOUTTH
ADIN1
ADIN2
ADIN3
ADIN4
VEE
SENSE–
SDAI
SDAO
ALERT#
VEE
PGIO4
PGIO3
PGIO2
PGIO1
ADIO4
ADIO3
ADIO2
ADIO1
23
22
21
20
9
10
11
12
ORDER INFORMATION
TUBE
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4283CUHF#PBF
LTC4283CUHF#TRPBF
4283
38-Lead (5mm × 7mm) Plastic QFN
0°C to 70°C
LTC4283IUHF#PBF
LTC4283IUHF#TRPBF
4283
38-Lead (5mm × 7mm) Plastic QFN
–40°C to 85°C
LTC4283HUHF#PBF
LTC4283HUHF#TRPBF
4283
38-Lead (5mm × 7mm) Plastic QFN
–40°C to 125°C
Contact the factory for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com