Electronic Components Datasheet Search
  English  ▼

X  

LTC4015 Datasheet(PDF) 42 Page - Analog Devices

Part # LTC4015
Description  35V/3.2A Lead-Acid Step-Down Battery Charger with PowerPath and I2C Telemetry
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4015 Datasheet(HTML) 42 Page - Analog Devices

Back Button LTC4015 Datasheet HTML 38Page - Analog Devices LTC4015 Datasheet HTML 39Page - Analog Devices LTC4015 Datasheet HTML 40Page - Analog Devices LTC4015 Datasheet HTML 41Page - Analog Devices LTC4015 Datasheet HTML 42Page - Analog Devices LTC4015 Datasheet HTML 43Page - Analog Devices LTC4015 Datasheet HTML 44Page - Analog Devices LTC4015 Datasheet HTML 45Page - Analog Devices LTC4015 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
42
LTC4162-S
Rev B
For more information www.analog.com
Symbol Name
Command
Code
Access
Bit
Range
Default Description
thermistor_voltage
0x40
R
[15:0]
0
SignednumberthatindicatestheA/DmeasurementfortheNTCpinvoltage.Thethermistor
value can be determined by the expression RNTC = RNTCBIAS × thermistor_voltage
/ (21829 - thermistor_voltage). Recall that the thermistor has a negative temperature
coefficientsohighertemperaturesmakelowerthermistor_voltagereadingsandvice-versa.
Enum: open_thermistor = 21684
bsr
0x41
R
[15:0]
0
Indicates the A/D measurement for the battery resistance. The battery resistance
measurement is proportional to the battery charge current setting resistor, RSNSB, and
can be computed in Ω from: BSR = N × bsr × RSNSB / 250 where N is 1, 2, 3 or 4 for
a 6V, 12V, 18V or 24V battery respectively as set by the CELLS0/CELLS1 pins. If the
charge current, ibat, is below icharge_over_10, bsr_questionable will be set.
CHEM_CELLS_REG
0x43
R
[11:0]
0
Programmed battery chemistry
chem
[11:8]
0
Indicates the chemistry of the battery being charged. For additional safety, application
softwarecantestthisvaluetoensurethatthecorrectversionoftheLTC4162(LTC4162-L,
LTC4162-F or LTC4162-S) is populated on the circuit board.
Enums: LTC4162_LAD = 0,
LTC4162_L42 = 1,
LTC4162_L41 = 2,
LTC4162_L40 = 3,
LTC4162_FAD = 4,
LTC4162_FFS = 5,
LTC4162_FST = 6,
LTC4162_SST = 8,
LTC4162_SAD = 9
cell_count
[3:0]
0
Indicates the cell count value detected by the CELLS0 and CELLS1 pin strapping. The
LTC4162 uses a cell_count value of 2 for each group of 3 physical (2V) cells (i.e. 6V
cell_count = 2, 12V cell_count = 4, 18V cell_count = 6 and 24V cell_count = 8). cell_count
always indicates 0 when the battery charger is not enabled such as when there is no
input power available.
Enums: Unknown = 0,
6V Battery = 2,
12V Battery = 4,
18V Battery = 6,
24V Battery = 8
icharge_dac
0x44
R
[4:0]
0
Indicates the actual charge current setting applied to the charge current digital to analog
converter. icharge_dac is ramped up/down to implement digital soft-start/stop. The
LTC4162 sets the value of icharge_dac based on charger_state. Recall that the charge
current is regulated by controlling the voltage across an external current sense resistor
RSNSB. The servo voltage is given by (icharge_dac + 1) × 1mV. The charge current
servo level is thus given by (icharge_dac + 1) × 1mV/RSNSB.
vcharge_dac
0x45
R
[5:0]
0
This is the actual battery voltage setting applied to the charge voltage digital to
analog converter. The LTC4162 sets the value of vcharge_dac based charger_state,
thermistor_voltage, and charger settings including vcharge_setting, vabsorb_delta,
v_equalize_delta and en_sla_temp_comp. The charge voltage setting can be computed
from N × (vcharge_dac × 28.571mV + 6.0V) where N is 1 for a 6V battery, 2 for a 12V
battery, 3 for an 18V battery, 4 for a 24V battery and vcharge_setting ranges from 0 to 63.
iin_limit_dac
0x46
R
[5:0]
0
Indicatestheactualinputcurrentlimit.Theiin_limit_dacwillfollowthevalueprogrammed
in iin_limit_target. The input current will be regulated to a maximum value given by
(iin_limit_dac + 1) × 500µV / RSNSI.
vbat_filt
0x47
R
[15:0]
0
Signed number that is a digitally filtered version of the A/D measurement of vbat. The
value is based on the A/D value, vbat, which has a scaling factor of 384.8µV/LSB for each
multiple of 6V chosen by the CELLS0/CELLS1 pins. To compute the total battery voltage
multiply this value by 1, 2, 3 or 4 representing a 6V, 12V 18V or 24V battery respectively.
REGISTER DESCRIPTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com