Electronic Components Datasheet Search
  English  ▼

X  

LTC4015 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC4015
Description  35V/3.2A Lead-Acid Step-Down Battery Charger with PowerPath and I2C Telemetry
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4015 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC4015 Datasheet HTML 20Page - Analog Devices LTC4015 Datasheet HTML 21Page - Analog Devices LTC4015 Datasheet HTML 22Page - Analog Devices LTC4015 Datasheet HTML 23Page - Analog Devices LTC4015 Datasheet HTML 24Page - Analog Devices LTC4015 Datasheet HTML 25Page - Analog Devices LTC4015 Datasheet HTML 26Page - Analog Devices LTC4015 Datasheet HTML 27Page - Analog Devices LTC4015 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
24
LTC4162-S
Rev B
For more information www.analog.com
OPERATION
The charge current programming resistor, RSNSB, should
always be set to match the capacity of the battery with-
out regard to source or load limitations from any other
control loop. The multiple control-loop architecture of
the LTC4162 will correct for any discrepancies, always
optimizing transfer of power to the battery and the load.
Thermal Regulation
When the switching battery charger is enabled at an el-
evated ambient temperature, LTC4162 self heating may
push its junction temperature to an unacceptable level.
To prevent overheating the LTC4162 monitors its own
die_temp and automatically reduces the icharge_dac to
limit power dissipation. The differential servo voltage at
CSP to CSN can drop to as low as 1mV giving about 3%
(1/32) of the maximum charge current. The thermal regu-
lation algorithm achieves this by enforcing a maximum
icharge_dac setting which drops linearly from 31 to 0 as
die_tempincreasesfromthermal_reg_start_temp(default
120°C) to thermal_reg_end_temp (default 125°C). When
the thermal regulation algorithm is active, charge_status
becomes thermal_reg_active. A thermal_reg_active_alert
can be set with en_thermal_reg_active_alert and cleared
by writing either back to 0. Thermal regulation can be
programmed to any temperature within the LTC4162's
operating range.
Constant-Voltage Charging
Once the BATSENS+ voltage reaches the programmed
charging voltage the switching regulator will reduce
its output power and hold the battery voltage steady at
(6V + 28.571mV • vcharge_setting) • N where N is 1 for
a 6V battery, 2 for a 12V battery, 3 for an 18V battery and
4 for a 24V battery. In constant voltage mode, the charge
currentwilldecreasenaturallytowardzeroprovidinginher-
ently safe operation by preventing the battery from being
over charged. Multiple charge voltage settings are avail-
able for final top-off voltage selection via vcharge_setting.
While charge voltage trade-offs can be made to preserve
battery life or maximize capacity, it is not possible for the
LTC4162 to be set to a charge voltage that is dangerously
high or inconsistent with a lead-acid battery.
Note that charge_current_setting and vcharge_setting do
notdirectlycontroltheicharge_dacandvcharge_dac.They
areonlytargetvalues.Forexample,ifen_sla_temp_compis
true(default),thevcharge_dacwillbecontrolledbythetem-
perature compensation system. Several constant_voltage
levels will be used depending on which phase the charger
is in, absorb_charge, cc_cv_charge or equalize_charge.
Absorb Charge
The LTC4162 begins charging with an absorb_charge
phase. During absorb_charge, the charge voltage is in-
creasedtovcharge_setting+vabsorb_deltawhichdefaults
to N • 7.2V where N is 1,2,3 or 4 for a 6V, 12V, 18V or 24V
battery respectively. At the beginning of the charge cycle
the charger may be in constant_current for some period
beforereachingconstant_voltageattheabsorblevel.Once
the charger reaches constant_voltage the tabsorbtimer
starts and the absorption phase proper commences. It will
continue until either the tabsorbtimer reaches max_ab-
sorb_time or ibat drops below the c_over_x_threshold.
At the end of the absorb_charge phase the charge voltage
drops back to just vcharge_setting for the continuous
cc_cv_charge phase.
Constant-Current/Constant-Voltage (CC-CV) Charge
In the cc_cv_charge phase, the LTC4162 sets the battery
voltage servo loop to the vcharge_setting. If the load is
powered directly from the battery, the switching charger
will provide the load current as long as the load current
is below the charge_current_setting. If the load exceeds
the charge_current_setting the battery will eventually be
depleted. There is no termination in the charging algo-
rithm; the charger will remain in cc_cv_charge as long
as input power is available but can be forced off with
suspend_charger.
Equalization Charge
An optional equalize_charge phase is available via the I2C
port with equalize_req wherein the charge voltage is set to
vcharge_setting+v_equalize_delta,limitedtoamaximum
of N • 7.8V where N is 1, 2, 3 or 4 for a 6V, 12V, 18V or
24V battery respectively. In equalize_charge, the battery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com