Electronic Components Datasheet Search
  English  ▼

X  

LTC4281 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC4281
Description  High Voltage High Current Hot Swap Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4281 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC4281 Datasheet HTML 9Page - Analog Devices LTC4281 Datasheet HTML 10Page - Analog Devices LTC4281 Datasheet HTML 11Page - Analog Devices LTC4281 Datasheet HTML 12Page - Analog Devices LTC4281 Datasheet HTML 13Page - Analog Devices LTC4281 Datasheet HTML 14Page - Analog Devices LTC4281 Datasheet HTML 15Page - Analog Devices LTC4281 Datasheet HTML 16Page - Analog Devices LTC4281 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
LTC4238
13
Rev. 0
For more information www.analog.com
resistor values available around 1mΩ. Threshold values
as low as 6mV reduce power dissipation in sense resis-
tors for high current applications.
Two current limit foldback profiles are available to meet
different application needs, constant power and high
power. Refer to Table 3 for foldback configurations. The
constant power profile is shaped such that the power in
the MOSFET is constant while current limiting, regardless
of VDS. This simplifies the SOA design of the application
and makes the safe dissipation time a constant for various
voltage and current conditions. This works well with the
current limit timer on the TMR pin. However, the constant
power foldback profile starts to fold back at small VDS,
which could occur during an input step. For that reason
the high power profile is also available. It doesn’t start to
fold back until the VDS is around 50% of the nominal input
voltage. This prevents the current limit from folding back
after an input step and collapsing the output because it is
less than the load current. Since the power dissipation in
the MOSFET is not constant for the high power profile, the
worst-case power dissipation usually occurs when half of
the nominal supply voltage is across the MOSFET. Graphs
in the Typical Performance Characteristics show the cur-
rent limit and power versus voltage across the MOSFETs.
Additionally, to ease start-up, the LTC4238 features a
configurable option for a start-up current at 10% of the
full current limit. The LTC4238 stays at 10% until the
conditions for power good are met, at which point it will
switch to the normal foldback profile and current limit. In
many cases this will eliminate the need for an RC network
on the GATEs of the MOSFETs to limit the inrush current.
Configurations using the 10% current limit for start-up
all use the SOA timer. This timer provides the flexibility
to allow a long current limit timeout at low power levels
during start-up, and a short current limit timeout during
a fault after start-up.
Constant Current Start-Up Using GATE RC Networks
An optional series RC network from GATE to GND (RG
and CG in Figure 5) provides an inrush current less than
the current limit by limiting the slew rate of the GATE
pin. The current limit timer will not run since the current
limit is not engaged during start-up. Thus, a small timer
capacitor may be used which allows the use of MOSFETs
with smaller SOA. Power good will signal when the FB
pin crosses its 2.56V threshold and the ΔVGATE voltages
cross their 8V thresholds. When both those conditions are
met and the impedance back to the supply through the
MOSFET is low, the output voltage is suitable for the load
to be turned on. PG voltage goes high to indicate power
is good. RG should be chosen such that IGATE • RG is less
than the threshold voltage of the MOSFET to avoid an ini-
tial inrush current spike. But increasing RG improves the
stability of the current limit servo loop (see Applications
Information on current limit stability). If the voltage of the
50µA IGATE current across RG is higher than MOSFET's
threshold, a diode may be added in parallel with the large
RG to limit its voltage while charging up CG (see Figure 5).
For the staged-start architectures, an RC network may be
used on a trickle MOSFET or stress MOSFET. In the paral-
lel architecture, identical RC networks may be used on
both MOSFETs. Bypass MOSFETs don’t need the current
Table 1. ISET Pin Voltage* vs Current Limit Thresholds and Suggested 1% Resistor Values
ΔVSNS(TH) (mV)
VISET (V)
ISET Thresholds Compared with
RTOP (kΩ)
RBOTTOM (kΩ)
RBOTTOM/(RTOP + RBOTTOM)
Lower (V)
Upper (V)
6
0
0.357
Open
Short
0.000
8
0.714
0.357
1.071
88.7
14.7
0.143
10
1.429
1.071
1.786
73.2
29.4
0.286
12
2.143
1.786
2.5
59.0
44.2
0.429
14
2.857
2.5
3.214
44.2
59.0
0.571
16
3.571
3.214
3.929
29.4
73.2
0.714
18
4.286
3.929
4.643
14.7
88.7
0.857
20
5
4.643
Short
Open
1.000
*INTVCC = 5V is used for this table.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com