Electronic Components Datasheet Search
  English  ▼

X  

LTC4271 Datasheet(PDF) 34 Page - Analog Devices

Part # LTC4271
Description  4-Port IEEE 802.3bt PoE PSE Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4271 Datasheet(HTML) 34 Page - Analog Devices

Back Button LTC4271 Datasheet HTML 30Page - Analog Devices LTC4271 Datasheet HTML 31Page - Analog Devices LTC4271 Datasheet HTML 32Page - Analog Devices LTC4271 Datasheet HTML 33Page - Analog Devices LTC4271 Datasheet HTML 34Page - Analog Devices LTC4271 Datasheet HTML 35Page - Analog Devices LTC4271 Datasheet HTML 36Page - Analog Devices LTC4271 Datasheet HTML 37Page - Analog Devices LTC4271 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
LTC4291-1/LTC4292
34
Rev 0
For more information www.analog.com
Sense Resistors
The LTC4291-1/LTC4292 is designed for a low 0.15Ω cur-
rent sense resistance per channel. Two parallel 0.3Ω resis-
tors must be laid out as shown in the Layout Requirements
section. In order to meet the IHOLD-2P, ICUT-2P, and ILIM-2P
accuracy required by the IEEE specification, the sense
resistors should have ±1% tolerance or better, and no
more than ±200ppm/°C temperature coefficient.
Port Output Cap
Each port requires a 0.22μF cap across OUTnM to AGNDP
(see Figure 25) to keep the LTC4292 stable while in cur-
rent limit during startup or overload. Common ceramic
capacitors often have significant voltage coefficients; this
means the capacitance is reduced as the applied voltage
increases. To minimize this problem, X7R ceramic capaci-
tors rated for at least 100V are recommended and must
be located close to the LTC4292.
Surge Protection
Ethernet ports can be subject to significant cable surge
events. To keep PoE voltages below a safe level and pro-
tect the application against damage, protection compo-
nents, as shown in Figure 26, are required at the main
supply, at the LTC4292 supply pins, and at each port.
Bulk transient voltage suppression (TVSBULK) and bulk
capacitance (CBULK) are required across the main PoE
supply and should be sized to accommodate system level
surge requirements.
Each LTC4292 requires a 10Ω, 0805 resistor (R1) in series
from supply AGND to the LTC4292 AGNDP pin. Across
Figure 26. LTC4292 Surge Protection
42911 F26
AGNDP
VEE
SENSEnM
VSSKn
GATEnM OUTnM
OUTnM
TO
PORT
S1B
S1B
C1
1µF
100V
LTC4292
D1
SMAJ58A
R1
10Ω
+
CBULK
TVSBULK
VEE
VEE
Cn
0.22µF
X7R
100V
QnM
RSENSEnM
AGNDP
AGNDP
the LTC4292 AGNDP pin and VEE pin is a SMAJ58A 58V
TVS (D1) and a 1µF, 100V bypass capacitor (C1). These
components must be placed close to the LTC4292 pins.
Finally, each port requires a pair of S1B clamp diodes: one
from OUTnM to supply AGND and one from OUTnM to
supply VEE. The diodes at the ports steer harmful surges
into the supply rails where they are absorbed by the surge
suppressors and the VEE bypass capacitance. The layout
of these paths must be low impedance.
LAYOUT REQUIREMENTS
Strict adherence to board layout, parts placement and
routing requirements is critical for IEEE compliance, para-
metric measurement accuracy, system robustness and
thermal dissipation. Refer to the DC2685A demo kit for
example layout references.
Sense Resistor Block Layout Requirements
A channel sense resistor may be affected by currents
flowing in other channels. To ensure IEEE parametric
compliance, the sense resistor layout is strictly defined
and must be adhered to. In addition, the sense resistor
block’s common VEE plane connections and layout are
specified.
Figure 33 shows the component names for ports 1 and 2
as referenced in the remainder of this section. The sense
resistors (RST1 to RST4 and RSU1 to RSU4) for channels
1A, 1B, 2A, and 2B must be grouped together in a sense
resistor block. The same requirements apply to channel
3A, 3B, 4A, and 4B sense resistors and VSSK34.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com