Electronic Components Datasheet Search
  English  ▼

X  

LTC4271 Datasheet(PDF) 8 Page - Analog Devices

Part # LTC4271
Description  4-Port IEEE 802.3bt PoE PSE Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4271 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTC4271 Datasheet HTML 4Page - Analog Devices LTC4271 Datasheet HTML 5Page - Analog Devices LTC4271 Datasheet HTML 6Page - Analog Devices LTC4271 Datasheet HTML 7Page - Analog Devices LTC4271 Datasheet HTML 8Page - Analog Devices LTC4271 Datasheet HTML 9Page - Analog Devices LTC4271 Datasheet HTML 10Page - Analog Devices LTC4271 Datasheet HTML 11Page - Analog Devices LTC4271 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
LTC4291-1/LTC4292
8
Rev 0
For more information www.analog.com
Open Circuit Detection
TYPICAL PERFORMANCE CHARACTERISTICS
802.3bt Single–Signature
Class Probe and Demotion
Classification Current Compliance
Power On Current Limits
Single–Signature
Power On Current Limits
Dual–Signature
Inrush Current Limits (Note 17)
802.3bt Single–Signature
Power On Sequence
802.3bt Single–Signature
Classification and Power On
802.3bt Dual–Signature
Power On Sequence
VEE
DETECTION /
CONNECTION
CHECK
CLASSIFICATION
POWER
ON
OUT1A
OUT1B
200ms/DIV
–60
–50
–40
–30
–20
–10
0
Power On Sequence
42911 G01
VEE
CLASSIFICATION
POWER
ON
CLASS 8
OUT1A
OUT1B
40ms/DIV
–60
–50
–40
–30
–20
–10
0
Classification and Power On
42911 G02
VEE
DETECTION /
CONNECTION
CHECK
CLASSIFICATION
POWER
ON
OUT1A
OUT1B
200ms/DIV
–60
–50
–40
–30
–20
–10
0
Power On Sequence
42911 G03
VEE
PROBE
CLASS 8
POWER
ON
CLASS 8
CLASS
RESET
CLASS 3
DEMOTION
OUT1A
OUT1B
30ms/DIV
–60
–50
–40
–30
–20
–10
0
Class Probe and Demotion
42911 G04
AGND
AGND
50ms/DIV
OUT1A
5V/DIV
OUT1B
5V/DIV
42911 G05
CLASSIFICATION CURRENT (mA)
0
10
20
30
40
50
60
70
–20
–16
–12
–8
–4
0
42911 G06
RSENSE = 0.15Ω
CLASS 1 TO 3
CLASS 4 TO 6
CLASS 7
CLASS 8
OUTnM – VEE (V)
0
11
22
33
44
55
0
25
50
75
100
125
150
175
200
0
167
333
500
667
833
1000
1167
1333
42911 G07
RSENSE = 0.15Ω
CLASS 1 TO 3
CLASS 4
CLASS 5
OUTnM – VEE (V)
0
11
22
33
44
55
0
25
50
75
100
125
150
175
200
0
167
333
500
667
833
1000
1167
1333
Dual–Signature
42911 G08
RSENSE = 0.15Ω
LIMn = 80h
LIMn = 08h
OUTnM – VEE (V)
0
11
22
33
44
55
0
25
50
75
100
125
150
175
200
0
167
333
500
667
833
1000
1167
1333
Inrush Current Limits (Note 17)
42911 G09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com