Electronic Components Datasheet Search
  English  ▼

X  

LTC4358 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC4358
Description  High Power Prioritized PowerPath Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4358 Datasheet(HTML) 4 Page - Analog Devices

  LTC4358 Datasheet HTML 1Page - Analog Devices LTC4358 Datasheet HTML 2Page - Analog Devices LTC4358 Datasheet HTML 3Page - Analog Devices LTC4358 Datasheet HTML 4Page - Analog Devices LTC4358 Datasheet HTML 5Page - Analog Devices LTC4358 Datasheet HTML 6Page - Analog Devices LTC4358 Datasheet HTML 7Page - Analog Devices LTC4358 Datasheet HTML 8Page - Analog Devices LTC4358 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LTC4421
4
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. See the LTC4421 Data Sheet Nomenclature section for more details on pin
conditions. V1 = 12V, V2 = 13V, EXTVCC = CPOREF = OUT1 = OUT2 = SENSE1 = SENSE2 = 11V, OV1 = OV2 = TMR1 = TMR2 = OV, UVR1 =
UVR2 = UVF1 = UVF2 = DISABLE1 = DISABLE2 = SHDN = RETRY = CASIN = 4V, CPO = 23.5V, QUAL = INTVCC, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IGATE(OFF,REV) GATE Off Pull-Down Current, Negative Sense
Voltage
V(SENSE)–V(OUT) = –50mV, GATE = 16V,
OUT = 10V, V1 = V2 = 12V
l
30
50
92
mA
ΔVSNS
Current Limit Sense Voltage,
ΔVSNS = (SENSE – OUT)
OUT = 1V, 12V, 32V
EXTVCC = 3.0V, OUT = 1V
l
l
20
20
25
25
30
30
mV
mV
ΔVSNS,FLD
Current Limit Sense Voltage in Foldback,
ΔVSNS,FLD = (SENSE – OUT)
OUT = 0V
l
7.5
12.5
17.5
mV
VFLD,TH
Foldback Threshold Voltage
OUT1
l
380
480
580
mV
VFLD,HYST
Foldback Hysteresis
50
mV
VSNSDIS,FWD
Forward Overcurrent Disconnect Voltage
SENSE – OUT, Rising
50
mV
VSNSDIS,REV
Reverse Current Disconnect Voltage
SENSE – OUT, Falling
–30
mV
ISNS
SENSE Input Current
SENSE = OUT = 12V
l
±1
μA
tG(SWITCH)
Gate Break-Before-Make Time
CGATE = 47nF
l
10.3
15
µs
tPG(DIS, OFF)
Gate Turn-Off Delay from DISABLE
Falling DISABLE to Gate < 12V
l
1.4
2.7
µs
tPG(DIS, ON)
Gate Turn-On Delay from DISABLE
Rising DISABLE to Gate > 12V
l
1.3
2.1
µs
tPG(CAS)
CASIN to CASOUT Propagation Delay
High-to-Low
1
μs
tPG(DIS, CAS)
DISABLE to CASOUT Propagation Delay
DISABLE High-to-Low
2.8
µs
CURRENT LIMIT TIMER (TMR1, TMR2)
ITMR(UP)
TMR Pull-Up Current
l
–3
–6
–9
µA
ITMR(DN)
TMR Pull-Down Current
l
1
2
3
µA
tTMR,FLT
TMR Fault Time
CTMR = 10nF
l
550
830
1250
µs
%TMR(COOL) TMR Cool Down Ratio to Fault Time
0.1
%
OV, UV PROTECTION CIRCUITRY (OV1, OV2, UVF1, UVF2, UVR1, UVR2, QUAL)
VTH,OVUV
OV, UV Threshold Voltage
OV Rising, UVF Falling, UVR Rising
l
490
500
510
mV
VHYST, OV
OV Hysteresis
l
40
50
60
mV
ILK,OVUV
UVR, UVF, OV Input Leakage Current
V = 0.5V
l
±10
nA
IQUAL,SRC
QUAL Source Current
l
–1
–2
–3
µA
IQUAL,SNK
QUAL Sink Current
l
1
2
3
µA
tVALID
OV, UV Validation Time
QUAL = INTVCC
CQUAL = 470pF
l
l
1.75
5
5
7.5
8
11
µs
ms
tINVALID
OV, UV Invalidation Filter Time
Overdrive = 50mV
l
1.75
5
8
µs
DIGITAL INPUTS (DISABLE1, DISABLE2, SHDN, CASIN, RETRY)
VTH
Rising Threshold Voltage
l
0.5
1.0
1.5
V
VHYST
Hysteresis Voltage
150
mV
ILK,HV
Input Leakage Current
V = 36V, DISABLE, SHDN
l
±0.1
±1
µA
ILK,LV
Input Leakage Current
V = 5.5V, CASIN
Retry = INTVCC
l
l
±0.1
±0.1
±1
±1
µA
µA
ICASIN
CASIN Pull-Up Current
CASIN = 0V
l
2.5
5
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com