Electronic Components Datasheet Search
  English  ▼

X  

LTC4358 Datasheet(PDF) 20 Page - Analog Devices

Part # LTC4358
Description  High Power Prioritized PowerPath Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4358 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTC4358 Datasheet HTML 16Page - Analog Devices LTC4358 Datasheet HTML 17Page - Analog Devices LTC4358 Datasheet HTML 18Page - Analog Devices LTC4358 Datasheet HTML 19Page - Analog Devices LTC4358 Datasheet HTML 20Page - Analog Devices LTC4358 Datasheet HTML 21Page - Analog Devices LTC4358 Datasheet HTML 22Page - Analog Devices LTC4358 Datasheet HTML 23Page - Analog Devices LTC4358 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
LTC4421
20
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
The overcurrent fault times are independently settable for
each channel. Set the time to ensure the output can charge
from 0V to the maximum input voltage, as described
above. Whenever Channel 1 experiences a current limit
fault, Channel 2 is allowed to power the output, presuming
Channel 2 is valid. Channel 2 powers the output until the
fault on Channel 1 is cleared.
The RETRY count of 6 counter on a channel is reset when-
ever its input supply is invalid, its DISABLE is driven low, or
a higher priority supply becomes valid. It is also reset when
INTVCC is below the INTVCC GOOD Threshold Voltage and
CPO is below the CPOGOOD Threshold Voltage. Toggling
the RETRY pin low, then high also resets the counter.
Iterating the Application Circuit Solution for MOSFET SOA
If the selected MOSFET does not meet the SOA require-
ments imposed by the initial current limit and output
capacitor values, take one or more of the following steps:
1. Reduce tTMR,FLT to meet the MOSFET SOA require-
ments. This requires reducing t(CHG,MAX) from
Equation 10 to ensure tTMR,FLT > t(CHG,MAX). One
way to do this is to reduce COUT. The trade-off is
an increase in output voltage droop during channel
switchover.
2. Reduce tTMR,FLT and t(CHG,MAX) by increasing the cur-
rent limit ILIM. This is only helpful if the reduction
in t(CHG,MAX) provides a larger SOA benefit than the
SOA loss caused by the increased power dissipated
in the MOSFET. For example, assume ILIM = 11A and
ILOAD,CHG = 10A. Using Equation 14.
t
(CHG,MAX) =
(C
OUT • VIN,MAX )
11A −10A
=
(C
OUT • VIN,MAX )
1A
(14)
If ILIM is then increased from 11A to 20A, the new result is
given by Equation 15.
t
(CHG,MAX) =
(C
OUT • VIN,MAX )
20A −10A
=
(C
OUT • VIN,MAX )
10A
(15)
With t(CHG,MAX) reduced by a factor of 10, we can
reduce tTMR,FLT by a factor of 10. By doubling ILIM,
the maximum power during output short circuits has
doubled, but t(CHG,MAX) has decreased by a factor of
10, so there is a net reduction in the SOA stress. Be
sure the input power supply is capable of sourcing
more current than the new, higher value of ILIM. Also,
ensure the new ILIM does not cause UV motorboating.
3. Choose a MOSFET with higher SOA. Look for
MOSFET’s having high BVDSS, as they usually have
better SOA performance.
Charge Pump and Gate Driver Circuitry
The gate drive is provided by a charge pump circuit
that powers CPO. A curve of GATE pin voltage versus
output voltage is shown in the Typical Performance
Characteristics curves. For output voltages less than 4V,
the minimum gate drive voltage is 9V. When the output
voltage is higher than 5V, the gate drive is at least 10V.
A burst mode comparator ensures the gate drive never
exceeds 14V.
When an input supply is invalid, the LTC4421 drives the
GATE pin voltage close to ground using a 50mA pull-
down current. When a supply is valid but turned off, gate
driver parking circuitry regulates the GATE voltage to
1V below the lower of the channel input voltage and the
output voltage. This is called the GATE Parking Voltage.
The LTC4421 also sinks 5µA from the SOURCE pin to
bias the external MOSFETs at their threshold voltages,
to minimize the ΔVGS and hence the turn-on time during
channel switchover when the MOSFETs are turned back
on. If possible, choose a lower threshold MOSFET for
the output MOSFET to preferentially draw the SOURCE
current from VOUT instead of the input supply of the off
channel, and add a resistor from SOURCE to ground to
increase current and hence the VGS.
CPO Charge Pump Capacitor Selection
Connect a reservoir capacitor CCPO between CPO and
CPOREF to provide the charge necessary to turn on the
MOSFETs quickly. The recommended value is approxi-
mately 10× the combined input CISS capacitances of the
two back-to-back MOSFETs on one channel, plus any dis-
crete GATE-to-SOURCE capacitor CG that has been added
to stabilize the current limit loop. A larger CCPO capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com