Electronic Components Datasheet Search
  English  ▼

X  

LTC4012 Datasheet(PDF) 42 Page - Analog Devices

Part # LTC4012
Description  35V/3.2A Multicell LiFePO4 Step-Down Battery Charger with PowerPath and I2C Telemetry
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4012 Datasheet(HTML) 42 Page - Analog Devices

Back Button LTC4012 Datasheet HTML 38Page - Analog Devices LTC4012 Datasheet HTML 39Page - Analog Devices LTC4012 Datasheet HTML 40Page - Analog Devices LTC4012 Datasheet HTML 41Page - Analog Devices LTC4012 Datasheet HTML 42Page - Analog Devices LTC4012 Datasheet HTML 43Page - Analog Devices LTC4012 Datasheet HTML 44Page - Analog Devices LTC4012 Datasheet HTML 45Page - Analog Devices LTC4012 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 52 page
background image
42
LTC4162-F
Rev A
For more information www.analog.com
Symbol Name
Command
Code
Access
Bit
Range
Default Description
icharge_jeita_5
[4:0]
15
SetsthechargecurrenttobeusedinJEITAregion5asillustratedintheJEITATemperature
Qualified Charging section. The value corresponds to charge_current_setting where the
charge current can be calculated using (icharge_jeita_5 + 1) × 1mV / RSNSB. The default
valueof15correspondstoaVCSP-VCSNservovoltageof16mVwhichishalfscaleorC/2.
ICHARGE_
JEITA_4_3_2_REG
0x28
R/W
[14:0]
32751
charge_current_settingvalueforJEITAtemperatureregionsjeita_t4,jeita_t3,andjeita_t2
icharge_jeita_4
[14:10] 31
SetsthechargecurrenttobeusedinJEITAregion4asillustratedintheJEITATemperature
Qualified Charging section. The value corresponds to charge_current_setting where the
charge current can be calculated using (icharge_jeita_4 + 1) × 1mV / RSNSB. The default
value of 31 corresponds to a VCSP-VCSN servo voltage of 32mV which is full scale.
icharge_jeita_3
[9:5]
31
SetsthechargecurrenttobeusedinJEITAregion3asillustratedintheJEITATemperature
Qualified Charging section. The value corresponds to charge_current_setting where the
charge current can be calculated using (icharge_jeita_3 + 1) × 1mV / RSNSB. The default
value of 31 corresponds to a VCSP-VCSN servo voltage of 32mV which is full scale.
icharge_jeita_2
[4:0]
15
SetsthechargecurrenttobeusedinJEITAregion2asillustratedintheJEITATemperature
Qualified Charging section. The value corresponds to charge_current_setting where the
charge current can be calculated using (icharge_jeita_2 + 1) × 1mV / RSNSB. The default
valueof15correspondstoaVCSP-VCSNservovoltageof16mVwhichishalfscaleorC/2.
CHARGER_
CONFIG_BITS_REG
0x29
R/W
[2:0]
1
Battery charger configuration settings
en_c_over_x_term
[2]
0
Enables charge current based (C/x) battery charger termination as set by ibat dropping
to the c_over_x_threshold in constant_voltage.
en_jeita
[0]
1
Enables the JEITA temperature qualified charging system.
vabsorb_delta
0x2A
R/W
[4:0]
0
Controls the absorb adder voltage in the absorb charging phase. The absorb charging
phase cell voltage servo level is based on the sum of this value and the vcharge_setting
or vcharge_jeita_1 to vcharge_jeita_6 levels. The absorb voltage level is given by
cell_count × (vabsorb_delta + vcharge_setting) × 12.5mV + 3.4125V but is limited by
hardware to a maximum of 3.8 V/cell_count. The default value of 0 disables the absorb,
or rapid charging, feature.
Enum: absorb_disable = 0
max_absorb_time
0x2B
R/W
[15:0]
0
At 1 second per count, this register sets an upper limit on the time the LTC4162 can be
in the absorb, or rapid, charge phase. The actual timer value is reported in tabsorbtimer.
Enums: absorb_15mins = 900,
absorb_30mins = 1800,
absorb_1hours = 3600,
absorb_90mins = 5400,
absorb_2hours = 7200
v_recharge_
lifepo4
0x2E
R/W
[15:0]
17424
Signed number that controls the recharge threshold voltage. After termination the
LTC4162 will begin a new charge cycle if vbat drops to this value. The default value of
17,424 corresponds to 17,424 / 18,191 × 3.5 × cell_count or about 3.35V / cell.
tchargetimer
0x30
R
[15:0]
0
If max_charge_time is written to a non zero value tchargetimer is the elapsed time in
minutes since the beginning of a charge cycle. The LTC4162 will terminate charging
when tchargetimer reaches the value in max_charge_time.
tcvtimer
0x31
R
[15:0]
0
This is the elapsed time in seconds since the battery charger has been in the
constant_voltage phase of charging. If this value exceeds max_cv_time then charging
is considered complete and will terminate. The constant-voltage timer can be disabled
by setting max_cv_time to 0.
tabsorbtimer
0x32
R
[15:0]
0
This is the elapsed time in seconds that the LTC4162 has been in the absorb phase of
charging. If this value exceeds max_absorb_time, the absorb phase is terminated and
normal charging resumes.
REGISTER DESCRIPTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com