Electronic Components Datasheet Search
  English  ▼

X  

LTC4012 Datasheet(PDF) 9 Page - Analog Devices

Part # LTC4012
Description  35V/3.2A Multicell LiFePO4 Step-Down Battery Charger with PowerPath and I2C Telemetry
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4012 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC4012 Datasheet HTML 5Page - Analog Devices LTC4012 Datasheet HTML 6Page - Analog Devices LTC4012 Datasheet HTML 7Page - Analog Devices LTC4012 Datasheet HTML 8Page - Analog Devices LTC4012 Datasheet HTML 9Page - Analog Devices LTC4012 Datasheet HTML 10Page - Analog Devices LTC4012 Datasheet HTML 11Page - Analog Devices LTC4012 Datasheet HTML 12Page - Analog Devices LTC4012 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
9
LTC4162-F
Rev A
For more information www.analog.com
Multi-Peak Solar Panel
Acquisition
0
1
2
3
4
5
TIME (s)
0
5
10
15
20
25
30
35
PANEL
VOLTAGE
PANEL
CURRENT
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
4162F G16
TYPICAL PERFORMANCE CHARACTERISTICS
Charge Current and Die Temperature
Using Thermal Regulation
Histogram of vbat Readings
Histogram of vout Readings
Histogram of thermistor_voltage
Readings
Histogram of bsr Readings
Histogram of die_temp Readings
Histogram of ibat Readings
25
40
55
70
85
100
AMBIENT TEMPERATURE (°C)
0.0
0.8
1.6
2.4
3.2
4.0
4162F G17
THERMAL START = 70°C
THERMAL END = 80°C
DIE
TEMP
CHARGE
CURRENT
50
60
70
80
90
100
3.301
3.303
3.305
3.307
3.309
BATTERY VOLTAGE (V)
0
2000
4000
6000
8000
σ = 576µV
4162F G18
11.95
11.96
11.97
11.98
11.99
12.00
OUTPUT VOLTAGE (V)
0
2000
4000
6000
8000
10000
σ = 3.48mV
4162F G19
25.0
25.1
25.2
25.3
25.4
THERMISTOR TEMPERATURE (°C)
0
2000
4000
6000
8000
σ = 21.3m°C
4162F G20
198.5 199.0 199.5 200.0 200.5 201.0 201.5
bsr (m)
0
500
1000
1500
2000
2500
4162F G21
σ = 250µ
SNSI
R
=10m
24.8
24.9
25.0
25.1
25.2
die_temp (°C)
0
500
1000
1500
2000
σ = 28m°C
4162F G22
3.195
3.196
3.197
3.198
3.199
3.200
BATTERY CURRENT (A)
0
2000
4000
6000
8000
10000
σ = 419µA
4162F G23
TA = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com