Electronic Components Datasheet Search
  English  ▼

X  

MAX4674EEE Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX4674EEE
Description  3V/5V, 4?? Wideband Quad 2:1 Analog Multiplexer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4674EEE Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX4674EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4674EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4674EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4674EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4674EEE Datasheet HTML 9Page - Maxim Integrated Products MAX4674EEE Datasheet HTML 10Page - Maxim Integrated Products MAX4674EEE Datasheet HTML 11Page - Maxim Integrated Products MAX4674EEE Datasheet HTML 12Page - Maxim Integrated Products MAX4674EEE Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
3V/5V, 4
Ω, Wideband Quad
2:1 Analog Multiplexer
12
______________________________________________________________________________________
E
1
2
21-0106
PACKAGE OUTLINE
12,16,20,24L QFN, 4x4x0.90 MM
E
2
2
21-0106
PACKAGE OUTLINE
12,16,20,24L QFN, 4x4x0.90 MM
Package Information (continued)
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information,
go to www.maxim-ic.com/packages.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com