Electronic Components Datasheet Search
  English  ▼

X  

MAX4674EEE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4674EEE
Description  3V/5V, 4?? Wideband Quad 2:1 Analog Multiplexer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4674EEE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4674EEE Datasheet HTML 1Page - Maxim Integrated Products MAX4674EEE Datasheet HTML 2Page - Maxim Integrated Products MAX4674EEE Datasheet HTML 3Page - Maxim Integrated Products MAX4674EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4674EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4674EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4674EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4674EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4674EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Note 2: The algebraic convention, where the most negative value is a minimum and the most positive value a maximum, is used in
this data sheet.
Note 3: Parts are tested at the maximum hot-rated temperature. Limits across the entire temperature range are guaranteed by
design and correlation.
Note 4:
∆RON = RON(MAX) - RON(MIN).
Note 5:
∆RON matching specifications for QFN packaged parts are guaranteed by design.
Note 6: Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the
specified analog signal range.
Note 7: Guaranteed by design.
Note 8: Off-Isolation = 20log10 (VCOM/VNO), VCOM = output, VNO = input to off switch.
Note 9: Between any two switches.
3V/5V, 4
Ω, Wideband Quad
2:1 Analog Multiplexer
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—Single +3V Supply (continued)
(V+ = +2.7V to +3.3V, VIH = 2.0V, VIL = 0.4V, TA =TMIN to TMAX, unless otherwise noted. Typical values at TA = +25°C.) (Notes 2, 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TA = +25°C
-0.5
±0.01
+0.5
COM_ Off-Leakage Current
(Note 7)
ICOM_(OFF)
V+ = 3.3V; VCOM_ = 1V, 3V;
VNO_ or VNC_ = 3V, 1V
TA = TMIN to
TMAX
-1
+1
nA
TA = +25°C
-0.5
±0.01
+0.5
COM_ On-Leakage Current
(Note 7)
ICOM_(ON)
V+ = 3.3V; VCOM_ = 1V, 3V;
VNO_ or VNC_ = 1V, 3V, or
floating
TA = TMIN to
TMAX
-1
+1
nA
DIGITAL I/O (A0, EN)
Input Logic High
VIH
2.0
V
Input Logic Low
VIL
0.4
V
Input Leakage Current
IIN
VIN = 0 or +5.5V
-0.5
±1
+0.5
µA
DYNAMIC
TA = +25°C12
22
Turn-On Time (Note 7)
tON
VNO_ or VNC_ = 1.5V,
RL = 100
Ω, CL = 35pF,
Figure 2
TA = TMIN to
TMAX
25
ns
TA = +25°C5
8
Turn-Off Time (Note 7)
tOFF
VNO_ or VNC_ = 1.5V,
RL = 100
Ω, CL = 35pF,
Figure 2
TA = TMIN to
TMAX
10
ns
TA = +25°C5
Break-Before-Make (Note 7)
tBBM
VNO_ or VNC = 1.5V,
RL = 100
Ω, CL = 35pF,
Figure 3
TA = TMIN to
TMAX
1
ns
Charge Injection
Q
VGEN = 2V, RGEN = 0, CL = 1.0nF,
Figure 4
18
pC
f = 10MHz
-47
Off-Isolation (Note 8)
VISO
CL = 5pF, RL = 100
Ω,
f = 10MHz, Figure 5
f = 1MHz
-67
dB
f = 10MHz
-68
Crosstalk (Note 9)
VCT
CL = 5pF, RL = 100
Ω,
f = 10MHz, Figure 5
f = 1MHz
-114
dB
NO_, NC_ Off-Capacitance
CNO_(OFF),
CNC_(OFF)
VNO_ or VNC_ = GND, f = 1MHz, Figure 6
10
pF
COM_ Off-Capacitance
CCOM_(OFF)
VCOM_ = GND, f = 1MHz, Figure 6
20
pF
COM_ On-Capacitance
C(ON)
VCOM_ = VNO_, VNC_ = GND, f = 1MHz,
Figure 6
30
pF
SUPPLY
Positive Supply Current
I+
V+ = 3.3V, VIN = 0 or V+
0.001
1.0
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com