Electronic Components Datasheet Search
  English  ▼

X  

MAX14724 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX14724
Description  Serial-Controlled 8:4 Matrix Switch Multiplexer
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14724 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX14724 Datasheet HTML 17Page - Maxim Integrated Products MAX14724 Datasheet HTML 18Page - Maxim Integrated Products MAX14724 Datasheet HTML 19Page - Maxim Integrated Products MAX14724 Datasheet HTML 20Page - Maxim Integrated Products MAX14724 Datasheet HTML 21Page - Maxim Integrated Products MAX14724 Datasheet HTML 22Page - Maxim Integrated Products MAX14724 Datasheet HTML 23Page - Maxim Integrated Products MAX14724 Datasheet HTML 24Page - Maxim Integrated Products MAX14724 Datasheet HTML 25Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Applications Information
Serial Bus Configurations
The MAX14724 was designed to support a wide variety of
multiplexing applications. Multiple devices can be used in
a system to expand the number of ports being multiplexed.
With the address-select pin provided in I2C mode, two devices
can be attached to the same I2C bus simultaneously. There
are also several options for addressing multiple devices
when using the SPI interface. Using only three pins on the
microcontroller, as many devices as desired can be loaded
by connecting all CS and SCK pins in parallel and chaining
the DO pin from one device to the DI pin on the next. It
is also acceptable to provide a separate CS pin for each
device so they can be individually addressed and loaded.
Alternatively, a separate data line can be used for each
device to reduce the time required to load all the devices.
Some of the options and tradeoffs are listed in Table 5,
as well as example application diagrams in the typical
application circuit.
Extended ESD
ESD-protection structures are incorporated on all pins
to protect against electrostatic discharges up to ±2kV
(Human Body Model) encountered during handling and
assembly. NO_ and COM_ are further protected against
ESD up to ±30kV (Human Body Model), ±15kV (Air
Gap Discharge method described in IEC 61000-4-2),
and ±10kV (Contact Discharge method described in
IEC 61000-4-2) without damage.
The ESD structures withstand high ESD both in normal
operation and when the device is powered down. After
an ESD event, the device continues to function without
latchup.
ESD Test Condition
ESD performance depends on a variety of conditions.
Contact Maxim for a reliability report that documents test
setup, test methodology, and test results.
Human Body Model
Figure 16 shows the Human Body Model. Figure 17 shows
the current waveform it generates when discharged into a
low impedance. This model consists of a 100pF capacitor
charged to the ESD voltage of interest that is then discharged
into the device through a 1.5kΩ resistor.
Table 5. Benefits and Limitations of Different Serial-Bus Configurations
SERIAL BUS
PINS
BENEFITS
LIMITATIONS
I2C (Figure 20)
2
Fewest pins
Maximum two devices per bus, slow protocol,
no simultaneous updates across all devices
SPI Daisy-Chain
(Figure 21)
3
Faster than I2C with only one additional pin,
simultaneous updates across all devices in chain
n x 32 clocks required to load all devices
SPI Separate CS
(Figure 22)
n+2
Common SPI implementation, quick for single
device updates
n x 32 clocks required to load all devices,
requires an additional pin per device, no
simultaneous updates across all devices
SPI Separate
Data (Figure 23)
n+2
Fastest loading for multiple devices,
simultaneous updates across all devices
Requires an additional pin per device, may not
be supported by the SPI controller
Figure 16. Human Body ESD Test Model
Figure 17. Human Body Current Waveform
CHARGE-CURRENT-
LIMIT RESISTOR
DISCHARGE
RESISTANCE
STORAGE
CAPACITOR
CS
100pF
RC
1MΩ
RD
1.5kΩ
HIGH-
VOLTAGE
DC
SOURCE
DEVICE
UNDER
TEST
IP 100%
90%
36.8%
tRL
TIME
tDL
CURRENT WAVEFORM
PEAK-TO-PEAK RINGING
(NOT DRAWN TO SCALE)
Ir
10%
0
0
AMPERES
MAX14724
Serial-Controlled 8:4 Matrix Switch Multiplexer
www.maximintegrated.com
Maxim Integrated │ 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com