Electronic Components Datasheet Search
  English  ▼

X  

MAX14724 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX14724
Description  Serial-Controlled 8:4 Matrix Switch Multiplexer
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14724 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX14724 Datasheet HTML 1Page - Maxim Integrated Products MAX14724 Datasheet HTML 2Page - Maxim Integrated Products MAX14724 Datasheet HTML 3Page - Maxim Integrated Products MAX14724 Datasheet HTML 4Page - Maxim Integrated Products MAX14724 Datasheet HTML 5Page - Maxim Integrated Products MAX14724 Datasheet HTML 6Page - Maxim Integrated Products MAX14724 Datasheet HTML 7Page - Maxim Integrated Products MAX14724 Datasheet HTML 8Page - Maxim Integrated Products MAX14724 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
(V+ = 1.6V to 5V, V- = (V+ - 5.5V) to 0V, VL = 0V to 5.5V (Notes 3, 4), TA = -40°C to +85°C, unless otherwise noted. Typical values are
at V+ = 2.5V, V- = -2.5V, VL = 2.5V, TA = +25°C.) (Note 5)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Crosstalk
CL = 5pF, RL = 50Ω, f = 1MHz,
VNO_ = 1VRMS, V+ - V- = 5V,
Figure 3
-65
dB
Total Harmonic Distortion Plus
Noise
THD+N
RL = 600Ω, f = 20Hz
to 20kHz,
VNO_ = 0.5VP-P,
DC bias = (V+ + V-)/2
V+ - V- ≥ 3V
0.1
%
SPI TIMING CHARACTERISTICS (Figure 14, Note 4)
SCLK Clock Period
tCH + tCL
95
ns
SCLK Pulse-Width High
tCH
35
ns
SCLK Pulse-Width Low
tCL
45
ns
CS Fall to SCLK Rise Time
tCSS
15
ns
DI Hold Time
tDH
15
ns
DI Setup Time
tDS
15
ns
Output Data Propagation
Delay
tDO
CL = 15pF, (V+ - V-) ≥ 2.7V and
VL ≥ 2.7V
50
ns
CL = 15pF, VL ≤ 2.7V
125
DO Rise and Fall Times
tFT
CL = 15pF
10
ns
CS Hold Time
tCSH
60
ns
I2C TIMING (Figure 6, Note 4)
I2C Serial-Clock Frequency
fSCL
400
kHz
Bus Free Time Between STOP
and START Conditions
tBUF
1.3
µs
START Condition Setup Time
tSU:STA
0.6
µs
START Condition Hold Time
tHD:STA
0.6
µs
STOP Condition Setup Time
tSU:STO
0.6
µs
Clock Low Period
tLOW
1.3
µs
Clock High Period
tHIGH
0.6
µs
Data Valid to SCL Rise Time
tSU:DAT
Write setup time,
VL = (V+ - V-) ≥ 1.8V
100
ns
Write setup time,
VL = (V+ - V-) = 1.6V
130
Data Hold Time to SCL Fall
tHD:DAT
Write hold time
0
ns
MAX14724
Serial-Controlled 8:4 Matrix Switch Multiplexer
www.maximintegrated.com
Maxim Integrated │ 4
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com