Electronic Components Datasheet Search
  English  ▼

X  

SH7041 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # SH7041
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button SH7041 Datasheet HTML 3Page - Renesas Technology Corp SH7041 Datasheet HTML 4Page - Renesas Technology Corp SH7041 Datasheet HTML 5Page - Renesas Technology Corp SH7041 Datasheet HTML 6Page - Renesas Technology Corp SH7041 Datasheet HTML 7Page - Renesas Technology Corp SH7041 Datasheet HTML 8Page - Renesas Technology Corp SH7041 Datasheet HTML 9Page - Renesas Technology Corp SH7041 Datasheet HTML 10Page - Renesas Technology Corp SH7041 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 923 page
background image
List of Items Revised or Added for This Version
Section
Page
Description
1.1.1 SH7040 Series
Features
Notes on the
SH7040 Series
Specifications
7,
9
Note: Package with Copper used as the lead material.
Type
Abbreviation
Package
Frequency Voltage Type Name
ROM
Mask
Version
On-chip
ROM
External
Bus Width
Operating
Temp
Electrical
Characteristics
A/D
Accuracy
(5Vversion)
Notes on the SH7040 Series Specifications
ZTAT
SH7042
128 kB
16 bits
±15LSB
(High-Speed)
QFP2020-112
–20
°C to 75°C 28 MHz
16 MHz
5 V
3.3 V
HD6477042F28
HD6477042VF16
See “128 kB
PROM”
See “Electrical
Characteristics”
FLASH SH7044F
256 kB
16 bits
±4LSB
(Mid-Speed)
QFP2020-112
–20
°C to 75°C 28 MHz
5 V
HD64F7044F28
See “256 kB Flash
Memory”
See “Electrical
Characteristics”
SH7042A
A mask
A mask
MASK
SH7040A
64 kB
16 bits
±4LSB
(Mid-Speed)
QFP2020-112
TQFP1414-120
QFP2020-112Cu*
–20
°C to 75°C 28 MHz
16 MHz
16 MHz
28 MHz
16 MHz
5 V
3.3 V
3.3 V
5 V
3.3 V
HD6437040AF28
HD6437040AVF16
HD6437040AVX16
HD6437040ACF28
HD6437040AVCF16
See “64 kB Mask
ROM”
See “Electrical
Characteristics”
A mask
ROM
less
SH7040A
16 bits
±4LSB
(Mid-Speed)
QFP2020-112
TQFP1414-120
QFP2020-112Cu*
–20
°C to 75°C 28 MHz
16 MHz
16 MHz
28 MHz
16 MHz
5 V
3.3 V
3.3 V
5 V
3.3 V
HD6417040AF28
HD6417040AVF16
HD6417040AVX16
HD6417040ACF28
HD6417040AVCF16
See “Electrical
Characteristics”
A mask
128 kB
16 bits
±4LSB
(Mid-Speed)
QFP2020-112
TQFP1414-120
QFP2020-112Cu*
–20
°C to 75°C 28 MHz
16 MHz
16 MHz
28 MHz
16 MHz
5 V
3.3 V
3.3 V
5 V
3.3 V
HD6477042AF28
HD6477042AVF16
HD6477042AVX16
HD6477042ACF28
HD6477042AVCF16
See “128 kB
PROM”
See “Electrical
Characteristics”
SH7043
128 kB
32 bits
±15LSB
(High-Speed)
QFP2020-144
–20
°C to 75°C 28 MHz
16 MHz
5 V
3.3 V
HD6477043F28
HD6477043VF16
See “128 kB
PROM”
See “Electrical
Characteristics”
SH7043A
A mask
128 kB
32 bits
±4LSB
(Mid-Speed)
QFP2020-144
QFP2020-144Cu*
–20
°C to 75°C 28 MHz
16 MHz
28 MHz
16 MHz
5 V
3.3 V
5 V
3.3 V
HD6477043AF28
HD6477043AVF16
HD6477043ACF28
HD6477043AVCF16
See “128 kB
PROM”
See “Electrical
Characteristics”
SH7045F
A mask
256 kB
32 bits
±4LSB
(Mid-Speed)
QFP2020-144
–20
°C to 75°C 28 MHz
5 V
HD64F7045F28
See “256 kB Flash
Memory”
See “Electrical
Characteristics”
SH7041A
A mask
64 kB
32 bits
±4LSB
(Mid-Speed)
QFP2020-144
QFP2020-144Cu*
–20
°C to 75°C 28 MHz
16 MHz
28 MHz
16 MHz
5 V
3.3 V
5 V
3.3 V
HD6437041AF28
HD6437041AVF16
HD6437041ACF28
HD6437041AVCF16
See “64 kB Mask
ROM”
See “Electrical
Characteristics”
SH7042A
A mask
128 kB
16 bits
±4LSB
(Mid-Speed)
QFP2020-112
TQFP1414-120
QFP2020-112Cu*
–20
°C to 75°C 28 MHz
16 MHz
16 MHz
28 MHz
16 MHz
5 V
3.3 V
3.3 V
5 V
3.3 V
HD6437042AF28
HD6437042AVF16
HD6437042AVX16
HD6437042ACF28
HD6437042AVCF16
See “128 kB Mask
ROM”
See “Electrical
Characteristics”
SH7043A
A mask
128 kB
32 bits
±4LSB
(Mid-Speed)
QFP2020-144
QFP2020-144Cu*
–20
°C to 75°C 28 MHz
16 MHz
28 MHz
16 MHz
5 V
3.3 V
5 V
3.3 V
HD6437043AF28
HD6437043AVF16
HD6437043ACF28
HD6437043AVCF16
See “128 kB Mask
ROM”
See “Electrical
Characteristics”
SH7044
A mask
256 kB
16 bits
±4LSB
(Mid-Speed)
QFP2020-112
–20
°C to 75°C 28 MHz
5 V
HD6437044F28
See “256 kB Mask
ROM”
See “Electrical
Characteristics”
SH7045
A mask
256 kB
32bits
±4LSB
(Mid-Speed)
QFP2020-144
–20
°C to 75°C 28 MHz
5 V
HD6437045F28
See “256 kB Mask
ROM”
See “Electrical
Characteristics”
SH7041A
A mask
32 bits
±4LSB
(Mid-Speed)
QFP2020-144
QFP2020-144Cu*
–20
°C to 75°C 28 MHz
16 MHz
28 MHz
16 MHz
5 V
3.3 V
5 V
3.3 V
HD6417041AF28
HD6417041AVF16
HD6417041ACF28
HD6417041AVCF16
See “Electrical
Characteristics”
SH7042
128 kB
16 bits
±15LSB
(High-Speed)
QFP2020-112
–20
°C to 75°C 28 MHz
16 MHz
5 V
3.3 V
HD6437042F28
HD6437042VF16
See “128 kB Mask
ROM”
See “Electrical
Characteristics”
SH7043
128 kB
32 bits
±15LSB
(High-Speed)
QFP2020-144
–20
°C to 75°C 28 MHz
16 MHz
5 V
3.3 V
HD6437043F28
HD6437043VF16
See “128 kB Mask
ROM”
See “Electrical
Characteristics”
1.4 The F-ZTAT
Version Onboard
Programming
Figure 1.6 Condition
Transfer for Flash
Memory
42
Note amended
Notes: For transferring between user mode and user program mode,
proceed while CPU is not programming or erasing the flash
memory.
* RAM emulation permitted
2.4 Instruction Set
by Classification
Table 2.16 Branch
Instructions
70
Table amended
BF/S label
10001111dddddddd
Delayed branch, if T = 0, disp
× 2 +
PC
→ PC; if T = 1, nop
2/1*
—
4.2.3 Notes on
Board Design
—
Deleted
4.5 Usage Notes
83 to
85
Newly added
11.1.4 Register
Configuration
Table 11.2 DMAC
Registers
218
Note *5 deleted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com