Electronic Components Datasheet Search
  English  ▼

X  

SH7041 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # SH7041
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button SH7041 Datasheet HTML 28Page - Renesas Technology Corp SH7041 Datasheet HTML 29Page - Renesas Technology Corp SH7041 Datasheet HTML 30Page - Renesas Technology Corp SH7041 Datasheet HTML 31Page - Renesas Technology Corp SH7041 Datasheet HTML 32Page - Renesas Technology Corp SH7041 Datasheet HTML 33Page - Renesas Technology Corp SH7041 Datasheet HTML 34Page - Renesas Technology Corp SH7041 Datasheet HTML 35Page - Renesas Technology Corp SH7041 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 923 page
background image
x
14.4
SCI Interrupt Sources and the DMAC/DTC...................................................................... 532
14.5
Notes on Use ...................................................................................................................... 533
14.5.1 TDR Write and TDRE Flags ................................................................................ 533
14.5.2 Simultaneous Multiple Receive Errors................................................................. 533
14.5.3 Break Detection and Processing ........................................................................... 534
14.5.4 Sending a Break Signal......................................................................................... 534
14.5.5 Receive Error Flags and Transmitter Operation (Clock Synchronous Mode
Only)..................................................................................................................... 534
14.5.6 Receive Data Sampling Timing and Receive Margin in the Asynchronous
Mode..................................................................................................................... 534
14.5.7 Constraints on DMAC/DTC Use.......................................................................... 536
14.5.8 Cautions for Clock Synchronous External Clock Mode....................................... 536
14.5.9 Caution for Clock Synchronous Internal Clock Mode ......................................... 536
Section 15 High Speed A/D Converter (Excluding A Mask) ................................. 537
15.1
Overview............................................................................................................................ 537
15.1.1 Features................................................................................................................. 537
15.1.2 Block Diagram...................................................................................................... 538
15.1.3 Pin Configuration ................................................................................................. 538
15.1.4 Register Configuration ......................................................................................... 539
15.2
Register Descriptions......................................................................................................... 540
15.2.1 A/D Data Registers A–H (ADDRA–ADDRH) .................................................... 540
15.2.2 A/D Control/Status Register (ADCSR) ................................................................ 541
15.2.3 A/D Control Register (ADCR) ............................................................................. 544
15.3
Bus Master Interface .......................................................................................................... 545
15.4
Operation ........................................................................................................................... 548
15.4.1 Select-Single Mode............................................................................................... 548
15.4.2 Select-Scan Mode ................................................................................................. 549
15.4.3 Group-Single Mode .............................................................................................. 550
15.4.4 Group-Scan Mode................................................................................................. 551
15.4.5 Buffer Operation................................................................................................... 552
15.4.6 Simultaneous Sampling Operation ....................................................................... 555
15.4.7 Conversion Start Modes ....................................................................................... 557
15.4.8 Conversion Start by External Input ...................................................................... 560
15.4.9 A/D Conversion Time........................................................................................... 561
15.5
Interrupts ............................................................................................................................ 562
15.6
Notes on Use ...................................................................................................................... 563
Section 16 Mid-Speed A/D Converter (A Mask) ....................................................... 567
16.1
Overview............................................................................................................................ 567
16.1.1 Features................................................................................................................. 567
16.1.2 Block Diagram...................................................................................................... 568
16.1.3 Pin Configuration ................................................................................................. 569



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com